Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D277X0025B2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 769D277X0025B2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D277X0025B2 Datasheet(HTML) 4 Page - Vishay Siliconix

  769D277X0025B2 Datasheet HTML 1Page - Vishay Siliconix 769D277X0025B2 Datasheet HTML 2Page - Vishay Siliconix 769D277X0025B2 Datasheet HTML 3Page - Vishay Siliconix 769D277X0025B2 Datasheet HTML 4Page - Vishay Siliconix 769D277X0025B2 Datasheet HTML 5Page - Vishay Siliconix 769D277X0025B2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: eurowettant@vishay.com
Document Number: 40055
32
Revision: 03-Jul-07
769D (CECC 30202-013)
Vishay
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,
TANTALEX® Capacitors, CECC 30202-013 Approved
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DF
at
+ 25 °C
(%)
MAX. IMP.
at
- 55 °C
(
Ω)
MAX. DCL
(µA) at
MAX. CAPACITANCE.
CHANGE (%) at
MAX.
RMS
RIPPLE
120 Hz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
35 VDC at + 85 °C, 23 VDC at + 125 °C
39
A
769D396X0035A2
18
80
2
9
- 32
+ 15
+ 15
70
47
A
769D476X0035A2
18
60
2
9
- 32
+ 15
+ 15
70
150
B
769D157X0035B2
20
30
3
16
- 40
+ 16
+ 16
270
330
C
769D337X0035C2
26
20
6
24
- 55
+ 25
+ 25
500
470
D
769D477X0035D2
28
25
7
25
- 60
+ 25
+ 25
750
480
D
769D487X0035D2
28
25
8
29
- 60
+ 25
+ 25
750
560
D
769D567X0035D2
29
24
8
32
- 60
+ 25
+ 25
750
50 VDC at + 85 °C, 30 VDC at + 125 °C
5
A
769D505X0050A2
3
355
1
2
- 16
+ 6
+ 6
60
10
A
769D106X0050A2
5
250
1
2
- 24
+ 9
+ 9
80
25
A
769D256X0050A2
14
135
3
12
- 24
+ 12
+ 12
70
25
B
769D256X0050B2
10
90
1
5
- 20
+ 12
+ 12
250
33
A
769D336X0050A2
16
120
2
9
- 24
+ 12
+ 12
70
47
B
769D476X0050B2
18
70
1
9
- 28
+ 15
+ 15
250
60
C
769D606X0050C2
12
50
2
12
- 16
+ 12
+ 12
500
82
B
769D826X0050B2
21
45
2
16
- 32
+ 15
+ 15
270
120
B
769D127X0050B2
18
26
3
18
- 35
+ 15
+ 15
280
160
C
769D167X0050C2
30
35
12
48
- 40
+ 25
+ 25
500
160
D
769D167X0050D2
15
27
5
40
- 50
+ 20
+ 20
750
270
C
769D277X0050C2
24
16
7
28
- 40
+ 25
+ 25
510
360
D
769D367X0050D2
24
22
8
32
- 45
+ 25
+ 25
750
390
D
769D397X0050D2
25
20
8
32
- 45
+ 25
+ 25
750
60 VDC at + 85 °C, 40 VDC at + 125 °C
4
A
763D405X0060A2
3
405
1
2
- 16
+ 6
+ 6
50
8.2
A
769D825X0060A2
4
275
1
2
- 24
+ 9
+ 9
60
20
A
769D206X0060A2
7
120
1
5
- 20
+ 12
+ 12
70
20
B
769D206X0060B2
6
105
1
5
- 16
+ 12
+ 12
250
27
A
769D276X0060A2
14
90
3
12
- 20
+ 12
+ 12
70
39
B
769D396X0060B2
18
90
1
9
- 28
+ 12
+ 12
250
50
B
769D506X0060B2
9
75
2
12
- 30
+ 15
+ 15
250
50
C
769D506X0060C2
9
55
2
12
- 16
+ 12
+ 12
500
68
C
769D686X0060C2
27
50
2
16
- 32
+ 12
+ 12
500
100
B
769D107X0060B2
15
28
4
20
- 30
+ 15
+ 15
280
140
C
769D147X0060C2
18
32
7
28
- 35
+ 20
+ 20
500
140
D
769D147X0060D2
21
28
8
32
- 40
+ 20
+ 20
750
220
C
769D227X0060C2
18
17
7
28
- 35
+ 20
+ 20
510
300
D
769D307X0060D2
21
21
8
32
- 45
+ 20
+ 20
750
330
D
769D337X0060D2
23
23
9
36
- 45
+ 20
+ 20
750


Similar Part No. - 769D277X0025B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A0 VISHAY-769D306X5006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A2 VISHAY-769D306X5006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D277X0025B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com