Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT4545ER1R0LK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPT4545ER1R0LK
Description  Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT4545ER1R0LK Datasheet(HTML) 1 Page - Vishay Siliconix

  LPT4545ER1R0LK Datasheet HTML 1Page - Vishay Siliconix LPT4545ER1R0LK Datasheet HTML 2Page - Vishay Siliconix LPT4545ER1R0LK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPT-4545
Vishay Dale
Document Number: 34069
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
165
Inductors/Transformers, Customizable, Surface Mount
Torodial, Kool Mu®*, Powdered Iron and MPP Cores
DIMENSIONS in inches [millimeters]
Pad Layout
0.160
[4.06]
0.492 sq.
[12.5 sq.]
0.120
[3.05]
0.492 sq.
[12.5 sq.]
Dimensional Outline
2
3
1
4
Vishay Dale
LPT-4545-
xxxLX
0.462 ± 0.005 Dia.
[11.73 ± 0.127]
0.550 [13.97]
Max.
0.450 ± 0.005 Dia.
[11.43 ± 0.127]
0.250
[6.350]
Max.
FEATURES
Toroidal design for minimal EMI radiation in DC to DC converter
applications
• Designed to support the growing need for efficient DC to DC converters in
battery operated equipment
• Two separate windings provide versatility by ability to connect windings in
series or parallel
• Operating Temperature Range: - 40 °C to + 125 °C
• Supplied on tape and reel and is designed to be pick and place compatible
• Custom versions and turns ratios available. Contact the factory with your specifications
STANDARD ELECTRICAL SPECIFICATIONS (In Parallel)
MODEL
KOOL MU®CORE (A)
STANDARD
IND. VALUES
ACTUAL IND. - µH
(LOC) ± 15 %
RATED IDC
(40 °C)
IND. at IDC
(LBIAS) [30 %]
DCR
Ω
LPT4545ER1R0LK
LPT4545ER1R5LK
LPT4545ER2R5LK
LPT4545ER3R3LK
LPT4545ER5R0LK
LPT4545ER100LK
LPT4545ER150LK
LPT4545ER200LK
LPT4545ER250LK
LPT4545ER330LK
LPT4545ER500LK
LPT4545ER101LK
LPT4545ER151LK
LPT4545ER251LK
LPT4545ER301LK
LPT4545ER331LK
1.0
1.5
2.5
3.3
5.0
10
15
20
25
33
50
100
150
250
300
330
0.832
1.30
2.55
3.33
5.20
10.2
15.0
20.8
25.2
32.5
50.0
101
152
248
300
333
6.90
6.45
5.75
5.50
4.45
3.45
2.79
2.61
2.25
1.85
1.50
1.15
0.92
0.73
0.63
0.60
0.51 at 7.62
0.80 at 6.10
1.57 at 4.35
2.05 at 3.81
3.20 at 3.05
6.28 at 2.18
9.26 at 1.79
12.4 at 1.53
15.5 at 1.39
20.0 at 1.22
30.8 at 0.98
62.0 at 0.69
93.4 at 0.56
153.0 at 0.44
179.0 at 0.40
205.0 at 0.38
0.003
0.004
0.006
0.007
0.011
0.019
0.029
0.038
0.048
0.068
0.107
0.195
0.302
0.491
0.670
0.706
POWDER IRON (B)
LPT4545ER1R0LP
LPT4545ER1R5LP
LPT4545ER2R5LP
LPT4545ER3R3LP
LPT4545ER5R0LP
LPT4545ER100LP
LPT4545ER150LP
LPT4545ER250LP
LPT4545ER330LP
LPT4545ER500LP
LPT4545ER101LP
LPT4545ER151LP
LPT4545ER251LP
LPT4545ER331LP
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.838
1.21
2.71
3.35
5.66
10.9
14.8
26.3
34.3
51.0
105
150
248
335
6.61
6.08
5.01
4.22
3.32
2.52
2.10
1.61
1.34
1.09
0.81
0.66
0.52
0.43
0.53 at 7.09
0.76 at 5.91
1.71 at 3.94
2.11 at 3.54
3.57 at 2.73
6.84 at 1.97
9.31 at 1.69
16.5 at 1.27
21.6 at 1.11
32.1 at 0.91
66.2 at 0.63
94.7 at 0.53
156.0 at 0.41
211.0 at 0.35
0.004
0.005
0.009
0.012
0.019
0.034
0.049
0.084
0.119
0.180
0.342
0.509
0.831
1.194
MPP (C)
LPT4545ER1R0LM
LPT4545ER1R5LM
LPT4545ER2R5LM
LPT4545ER3R3LM
LPT4545ER5R0LM
LPT4545ER100LM
LPT4545ER150LM
LPT4545ER250LM
LPT4545ER330LM
LPT4545ER500LM
LPT4545ER101LM
LPT4545ER151LM
LPT4545ER251LM
LPT4545ER331LM
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.838
1.30
2.55
3.33
5.20
10.2
15.0
25.2
32.5
50.0
101
152
248
333
7.54
6.82
5.84
5.49
4.37
3.32
2.69
2.12
1.76
1.41
1.07
0.86
0.67
0.56
0.54 at 11.11
0.84 at 8.89
1.64 at 6.35
2.14 at 5.56
3.35 at 4.45
6.56 at 3.18
9.68 at 2.61
16.2 at 2.02
20.9 at 1.78
32.2 at 1.43
64.8 at 1.01
97.7 at 0.82
159.0 at 0.64
214.0 at 0.56
0.004
0.004
0.007
0.008
0.012
0.022
0.033
0.054
0.076
0.119
0.219
0.340
0.551
0.788
RoHS
COMPLIANT
NOTE Series is also available with SnPb terminations by using package code RH for tape and reel (in place of ER) or SM for bulk (in place of EB).
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
5
4
T
P4
1
R
E
50
K
L
1
PRODUCT FAMILY
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE/HEIGHT
K = KOOL MU® (A)
P = POWER IRON (B)
M = MPP (C)
± 15 %
INDUCTANCE
TOLERANCE
100 µH
INDUCTANCE
VALUE
4545
SIZE
LPT
MODEL
ER
PACKAGE CODE
ER = Reel
EB = Bulk
e2
JEDEC LEAD (Pb)-FREE
STANDARD
SIZE
* Kool Mu® is a registered trademark of Spang & Company


Similar Part No. - LPT4545ER1R0LK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545ER1R0LK VISHAY-LPT4545ER1R0LK Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT4545ER1R0LK VISHAY-LPT4545ER1R0LK Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
More results

Similar Description - LPT4545ER1R0LK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Revision 28-Aug-02
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Revision: 10-Aug-06
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
   Kool Mµ® Hƒ Powder Cores
2/24/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com