Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0805F104MXXAP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0805F104MXXAP
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805F104MXXAP Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0805F104MXXAP Datasheet HTML 1Page - Vishay Siliconix VJ0805F104MXXAP Datasheet HTML 2Page - Vishay Siliconix VJ0805F104MXXAP Datasheet HTML 3Page - Vishay Siliconix VJ0805F104MXXAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VJ Cer-F (Y5E) Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for Film Cap Replacement
Vishay Vitramon
Document Number: 45030
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 29-Sep-08
61
Not for New Designs
Product Discontinuation
CER-F (Y5E) DIELECTRIC - TYPICAL PARAMETERS
10
5
0
- 5
- 10
Y5E
TYPICAL
FILM
CAP
TEMPERATURE COEFFICIENT FILM
VS. VISHAY VITRAMON’S Y5E
TEMPERATURE °C
- 40
- 20
0
20
40
60
80
100
3.5
4.5
2.5
3.0
4.0
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE °C
- 40
- 20
0
20
40
60
80
100
10
0
- 10
5
- 5
DC VOLTS APPLIED
TYPICAL VOLTAGE COEFFICIENT
0
5
10
15
10 000
1000
100
10
1
0.1
0.01
TYPICAL IMPEDANCE VJ1206F104JXX
FREQUENCY (kHz)
0.001
0.01
0.1
1
10
100
1000


Similar Part No. - VJ0805F104MXXAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805 VISHAY-VJ0805 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Revision: 20-Oct-08
VJ0805 VISHAY-VJ0805 Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ0805 VISHAY-VJ0805 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0805 VISHAY-VJ0805 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0805 VISHAY-VJ0805 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
More results

Similar Description - VJ0805F104MXXAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com