Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPE5047ER683NU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE5047ER683NU
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE5047ER683NU Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE5047ER683NU Datasheet HTML 1Page - Vishay Siliconix LPE5047ER683NU Datasheet HTML 2Page - Vishay Siliconix LPE5047ER683NU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPE-5047
Vishay Dale
Document Number: 34065
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
157
Surface Mount Transformers/Inductors,
Gapped and Ungapped Custom Configurations Available
NOTE: Pad layout guidelines per MIL-STD-275E
(printed wiring for electronic equipment).
Tolerances: xx ± 0.01" [± 0.25 mm]; xxx ± 0.005"
[± 0.12 mm]
The underside of these components contains
metal and thus should not come in contact with
active circuit traces.
DIMENSIONS in inches [millimeters]
Pad Layout
0.079 [2.01]
0.045
[1.14]
0.414
[10.52]
0.459
[11.66]
Reference Only
0.045 [1.14] Pad Dimensions
Typical, 10 places
Typical 4
places
0.472
[11.99]
Max.
5
1
6
10
Dimensional Outline
0.525 [13.34]
Max.
0.248
[6.30]
Max.
Foot print Diagram
0.437 [11.10]
0.028
[0.71]
0.028
[0.71]
0.079
[2.01]
Typ.
ELECTRICAL SPECIFICATIONS
(Multiple winds are connected in parallel)
Inductance Range: 10 µH to 68 000 µH, measured at 0.10 V RMS
at 10 kHz without DC current, using an HP 4263A or HP 4284A
impedance analyzer
DC Resistance Range: 0.03
Ω to 24.1 Ω, measured at + 25 °C ± 5 °C
Rated Current Range: 2.29 amps to 0.07 amps
Dielectric Withstanding Voltage: 500 V RMS, 60 Hz, 5 seconds
* DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C
ambient. ** DC current that will typically reduce the initial inductance by 20 %
UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest
Q capability. Beneficial in filter, impedance matching and line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter
inductance tolerance with better temperature stability than ungapped models. Beneficial
in DC to DC converters or other circuits carrying DC currents or requiring inductance
stability over a temperature range.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
IND.
TOL.
SCHEMATIC
LETTER
DCR
MAX.
(Ohms)
MAX. RATED*
DC CURRENT
(Amps)
SATURATING
CURRENT**
(Amps)
Ungapped Models (A)
LPE5047ER151NU
LPE5047ER221NU
LPE5047ER331NU
LPE5047ER471NU
LPE5047ER681NU
150
220
330
470
680
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
0.20
0.24
0.29
0.35
0.42
0.79
0.72
0.65
0.59
0.54
N/A
N/A
N/A
N/A
N/A
LPE5047ER102NU
LPE5047ER152NU
LPE5047ER222NU
LPE5047ER332NU
LPE5047ER472NU
LPE5047ER682NU
1000
1500
2200
3300
4700
6800
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.51
0.63
0.76
1.00
2.24
2.70
0.49
0.44
0.40
0.35
0.24
0.21
N/A
N/A
N/A
N/A
N/A
LPE5047ER103NU
LPE5047ER153NU
LPE5047ER223NU
LPE5047ER333NU
LPE5047ER473NU
LPE5047ER683NU
10 000
15 000
22 000
33 000
47 000
68 000
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
3.27
6.26
7.58
9.50
18.5
24.1
0.19
0.14
0.13
0.11
0.08
0.07
N/A
N/A
N/A
N/A
N/A
N/A
Gapped Models (B)
LPE5047ER100MG
LPE5047ER150MG
LPE5047ER220MG
LPE5047ER330MG
LPE5047ER470MG
LPE5047ER680MG
10
15
22
33
47
68
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
B
B
B
C
D
D
0.03
0.04
0.05
0.09
0.13
0.15
2.29
2.07
1.68
1.35
1.11
1.01
2.690
2.230
1.860
1.540
1.300
1.085
LPE5047ER101MG
LPE5047ER151MG
LPE5047ER221MG
LPE5047ER331MG
LPE5047ER471MG
LPE5047ER681MG
100
150
220
330
470
680
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
D
D
E
E
E
E
0.24
0.37
0.55
0.85
1.29
1.96
0.81
0.65
0.53
0.43
0.35
0.28
0.900
0.740
0.610
0.500
0.420
0.350
LPE5047ER102MG
LPE5047ER152MG
LPE5047ER222MG
LPE5047ER332MG
LPE5047ER472MG
1000
1500
2200
3300
4700
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
E
E
E
E
E
2.38
3.66
5.47
8.48
13.2
0.26
0.21
0.17
0.14
0.11
0.290
0.240
0.195
0.160
0.135
RoHS
COMPLIANT
NOTE Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
0
5
E
P
4
1
R
E
7
0
U
N
2
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE
± 30 %
INDUCTANCE TOLERANCE
1000 µH
INDUCTANCE VALUE
5047
SIZE
LPE
MODEL
ER
PACKAGE CODE
e2
JEDEC LEAD (Pb)-FREE STANDARD


Similar Part No. - LPE5047ER683NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE5047ER683NU VISHAY-LPE5047ER683NU Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
More results

Similar Description - LPE5047ER683NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com