Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7500 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics TDA7500 Datasheet HTML 10Page - STMicroelectronics TDA7500 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NAME
TYPE
DESCRIPTION
75
DBCK0/OS01/DSP0_GPIO9
I/O
Debug Port Bit Clock/Chip Status 1 (Input/Output)/General
Purpose I/O (Input/Output). The serial clock for the Debug Port is
provided when an input. When an output, together with OS0
provides information about the chip status. Optionally it can be
used as a general purpose I/O.
76
DBRQN0
I
Debug Port Request Input (Input). Means of entering the Debug
mode of operation.
77
VDD2
Supply pin dedicated to the digital periphery.
78
GND2
Ground pin dedicated to the digital periphery.
79
ADC<0>
I
Analog Inputs (Input). Single ended analog signal inputs to the
ADC.
80
ADC<1>
I
Analog Inputs (Input). Single ended analog signal inputs to the
ADC.
81
ADC<2>
I
Analog Inputs (Input). Single ended analog signal inputs to the
ADC.
82
ADC<3>
I
Analog Inputs (Input). Single ended analog signal inputs to the
ADC.
83
S2DREF
I
Voltage Reference (Input). External decoupling of the analog
reference used for the single to differential ended converter.
84
ADCVDDREF
I
Voltage Reference (Input). Analog voltage reference input. Signal
is supplied by A354.
85
ADCREF<2>
I
Voltage Reference (Input). External decoupling of the analog
references used for the sigma delta modulator.
86
ADCREF<1>
I
Voltage Reference (Input). External decoupling of the analog
references used for the sigma delta modulator.
87
ADCREF<0>
I
Voltage Reference (Input). External decoupling of the analog
references used for the sigma delta modulator.
88
ADCVDD
Analog Supply pin dedicated to the A/D converter.
89
ADCGND
Analog Ground pin dedicated to the A/D converter.
90
DAC<0>
O
Analog Outputs (Output). Analog signal outputs of the DAC
91
DAC<1>
O
Analog Outputs (Output). Analog signal outputs of the DAC
92
DAC<2>
O
Analog Outputs (Output). Analog signal outputs of the DAC
93
DAC<3>
O
Analog Outputs (Output). Analog signal outputs of the DAC
94
DAC<4>
O
Analog Outputs (Output). Analog signal outputs of the DAC
95
DAC<5>
O
Analog Outputs (Output). Analog signal outputs of the DAC
96
DACREF<2>
I
Voltage Reference (Input). External decoupling of the analog
references of the CODEC.
97
DACREF<1>
I
Voltage Reference (Input). External decoupling of the analog
references of the CODEC.
98
DACREF<0>
I
Voltage Reference (Input). External decoupling of the analog
references of the CODEC.
99
DACGND
Analog Ground pin dedicated to the D/A converter.
100
DACVDD
Analog Supply pin dedicated to the D/A converter.
PIN DESCRIPTION (continued)
TDA7500
7/14


Similar Part No. - TDA7500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
   DIGITAL AM/FM SIGNAL PROCESSOR
More results

Similar Description - TDA7500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
   DIGITAL AM/FM SIGNAL PROCESSOR
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
   FM/AM DIGITAL IF SAMPLING PROCESSOR
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
   FM/AM digital IF sampling processor
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
   AM/FM IF PROCESSOR
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
   FM/AM
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
   FM / AM
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
   AM/FM Digital Phase-Locked Loop Synthesizer
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
   Dual-IF AM/FM digital radio receiver
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com