Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1902DL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1902DL
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902DL Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1902DL Datasheet HTML 1Page - Vishay Siliconix SI1902DL Datasheet HTML 2Page - Vishay Siliconix SI1902DL Datasheet HTML 3Page - Vishay Siliconix SI1902DL Datasheet HTML 4Page - Vishay Siliconix SI1902DL Datasheet HTML 5Page - Vishay Siliconix SI1902DL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 71080
S-51415–Rev. H, 03-Apr-06
Vishay Siliconix
Si1902DL
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Threshold Voltage
- 0.4
- 0.3
- 0.2
- 0.1
- 0.0
0.1
0.2
- 50
- 25
025
50
75
100
125
150
ID = 250 μA
TJ – Temperature (°C)
Single Pulse Power, Junction-to-Ambient
0
3
5
1
2
Time (sec)
4
1
100
600
10
10-1
10-2
10-3
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10 -2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 400 °C/W
3. TJM– TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI1902DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI1902DL VISHAY-SI1902DL Datasheet
237Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. J, 17-Oct-11
SI1902DL VISHAY-SI1902DL Datasheet
240Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1902DL-T1-GE3 VISHAY-SI1902DL-T1-GE3 Datasheet
237Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. J, 17-Oct-11
SI1902DL VISHAY-SI1902DL_V01 Datasheet
240Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1902DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com