Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1903DL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1903DL
Description  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1903DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1903DL Datasheet HTML 1Page - Vishay Siliconix SI1903DL Datasheet HTML 2Page - Vishay Siliconix SI1903DL Datasheet HTML 3Page - Vishay Siliconix SI1903DL Datasheet HTML 4Page - Vishay Siliconix SI1903DL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1903DL
Vishay Siliconix
www.vishay.com
2
Document Number: 71081
S-50694—Rev. C, 18-Apr-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.6
−1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 85_C
−5
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −4.5 V
−1.0
A
VGS = −4.5 V, ID = −0.41 A
0.850
0.995
Drain-Source On-State Resistancea
rDS(on)
VGS = −3.6 V, ID = −0.38 A
1.0
1.190
W
DS(on)
VGS = −2.5 V, ID = −0.25 A
1.4
1.80
Forward Transconductancea
gfs
VDS = −10 V, ID = −0.41 A
0.8
S
Diode Forward Voltagea
VSD
IS = −0.23 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
1.2
1.8
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −0.41 A
0.45
nC
Gate-Drain Charge
Qgd
0.25
Turn-On Delay Time
td(on)
7.5
15
Rise Time
tr
VDD = −10 V, RL = 20 W
20
40
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 20 W
ID ^ −0.5 A, VGEN = −4.5 V, Rg = 6 W
8.5
17
ns
Fall Time
tf
12
24
Source-Drain Reverse Recovery Time
trr
IF = −0.23 A, di/dt = 100 A/ms
25
40
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 3 V
TC = −55_C
125_C
2 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.5 V
1 V
2.5 V


Similar Part No. - SI1903DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1903DL VISHAY-SI1903DL Datasheet
44Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-Aug-02
SI1903DL VISHAY-SI1903DL Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1903DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com