Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1965DH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1965DH
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1965DH Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1965DH Datasheet HTML 1Page - Vishay Siliconix SI1965DH Datasheet HTML 2Page - Vishay Siliconix SI1965DH Datasheet HTML 3Page - Vishay Siliconix SI1965DH Datasheet HTML 4Page - Vishay Siliconix SI1965DH Datasheet HTML 5Page - Vishay Siliconix SI1965DH Datasheet HTML 6Page - Vishay Siliconix SI1965DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 68765
S-81725-Rev. A, 04-Aug-08
Vishay Siliconix
Si1965DH
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?68765.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 220 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


Similar Part No. - SI1965DH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI1965DH-T1-GE3 VBSEMI-SI1965DH-T1-GE3 Datasheet
1,019Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1965DH VISHAY-SI1965DH_V01 Datasheet
263Kb / 12P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1965DH

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com