Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1970DH-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1970DH-T1-E3
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1970DH-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1970DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1970DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1970DH
New Product
Document Number: 74343
S-62441-Rev. A, 27-Nov-06
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Load switch for portable applications
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
Qg (Typ)
30
0.225 at VGS = 4.5 V
1.3a
1.15 nC
0.345 at VGS = 2.5 V
1.3a
Marking Code
CD
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Ordering Information: Si1970DH-T1-E3 (Lead (Pb)-free)
N-Channel MOSFET
G2
D2
S2
N-Channel MOSFET
G1
D1
S1
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 sec.
d. Maximum under Steady State conditions is 220 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1.3a
A
TC = 70 °C
1.3a
TA = 25 °C
1.3a
TA = 70 °C
1.1
Pulsed Drain Current
IDM
4
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.0
TA = 25 °C
0.61c
Maximum Power Dissipation
TC = 25 °C
PD
1.25
W
TC = 70 °C
0.8
TA = 25 °C
0.74b, c
TA = 70 °C
0.47b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 sec
RthJA
130
170
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
RoHS
COMPLIANT


Similar Part No. - SI1970DH-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1970DH VISHAY-SI1970DH Datasheet
238Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1970DH VISHAY-SI1970DH Datasheet
131Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
SI1970DH VISHAY-SI1970DH_V01 Datasheet
131Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI1970DH-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com