Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2309CDS-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2309CDS-T1-GE3
Description  P-Channel 60-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2309CDS-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2309CDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 68980
S-82584-Rev. A, 27-Oct-08
Vishay Siliconix
Si2309CDS
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 65
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
- 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 1
µA
VDS = - 60 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = - 10 V
- 6
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 1.25 A
0.285
0.345
Ω
VGS = - 4.5 V, ID = - 1.0 A
0.360
0.450
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 1.0 A
2.8
S
Dynamicb
Input Capacitance
Ciss
VDS = - 30 V, VGS = 0 V, f = 1 MHz
210
pF
Output Capacitance
Coss
28
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 4.5 V, ID = - 1.25 A
2.7
4.1
nC
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
1.2
Gate Resistance
Rg
f = 1 MHz
7
Ω
Turn-On Delay Time
td(on)
VDD = - 30 V, RL = 30 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 1 Ω
40
60
ns
Rise Time
tr
35
55
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = - 30 V, RL = 30 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 1 Ω
510
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 1.4
A
Pulse Diode Forward Current
ISM
- 8
Body Diode Voltage
VSD
IS = - 0.75 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 1.25 A, dI/dt = 100 A/µs, TJ = 25 °C
30
60
ns
Body Diode Reverse Recovery Charge
Qrr
33
60
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
12


Similar Part No. - SI2309CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI2309CDS-T1-GE3 VBSEMI-SI2309CDS-T1-GE3 Datasheet
2Mb / 10P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2309CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com