Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

735D227X0015B2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 735D227X0015B2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D227X0015B2 Datasheet(HTML) 1 Page - Vishay Siliconix

  735D227X0015B2 Datasheet HTML 1Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 2Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 3Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 4Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 5Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 6Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 7Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 8Page - Vishay Siliconix 735D227X0015B2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
735D, 735DE, CT79 (CECC 30202)
Vishay
Document Number: 40053
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 29-Jun-07
47
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55° C to + 85 °C
(To + 200 °C with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 %, ± 5 % available as special
DC Leakage Current (DCL Max.):
At + 25 °C and above: Leakage current shall not exceed the
values listed in the Standard Ratings Tables
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100 % tin (RoHS compliant) available
• For - 55 °C to + 200 °C operation
• All tantalum case
• Glass to tantalum hermetic seal
• Low ESR
• High CV per unit volume
• Extremely low leakage current
• High permissible ripple current
• 3 V reverse voltage capability
APPROVALS
• CECC-30202-001 style 735D
• CECC-30202-801 style 735DE
• CECC 30202-005 style CT79
APPLICATIONS
Designed specifically for the severe operating environment
of aerospace applications, this capacitor was developed
under partial sponsorship of the Marshall Space Flight
Center, National Aeronautics and Space Administration. To
meet aerospace requirements, the capacitors have a high
resistance to damage from shock and vibration.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
CT79
735D
735DE
226
X0
025
A
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE
CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
See Table
of
Dimensions
0 = Bare case.
2 = Outer polyester film
insulation.
6 = High temperature
film insulation
(above + 125 °C)
E3 = 100 % tin termination
(RoHS compliant design)
Blank = SnPb termination
(standard design)
Note
Packaging: The use of formed plastic trays for packaging this type of axial lead component is standard. Tape and reel is not recommended due
to the unit weight.


Similar Part No. - 735D227X0015B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D227X0015B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com