Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

793DE106X0010B2TE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 793DE106X0010B2TE3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

793DE106X0010B2TE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  793DE106X0010B2TE3 Datasheet HTML 1Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 2Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 3Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 4Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 5Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 6Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 7Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 8Page - Vishay Siliconix 793DE106X0010B2TE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 40112
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-May-08
49
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
Vishay Sprague
Note:
* Available as 793DE part numbers only
RATINGS AND CASE CODES
CR
(µF)
RATED VOLTAGE UR (V) (+ 85 °C)
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
CATEGORY VOLTAGE UC (V) (+ 125 °C)
2.7 V
4 V
7 V
10 V
13 V
17 V
23 V
33 V
0.10
AA
0.15
AB
0.22
AB
0.33
AB
0.47
ABB
0.68
AA*B
C
1.0
A
A*
B
C
1.5
A
A*
B
C
D
2.2
A
A*
B
B*
C
D
3.3
A
A*
B
B*
C
D
4.7
A*
B
B*
C
D
D
6.8
B
B*
C
D
10
B
B*
C
D
D
15
B*
C
D
D
22
C
D
D
33
C
D
D
47
D
D
68
D
D
100
D
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking:
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case size capacitors use a
letter code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is shown if space permits. Capacitors rated at 6.3 V shall be marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
Capacitance Code,
pF
Indicates
Lead
(Pb)-free
Polarity Band (+)
Voltage
Code
V 104L
A Case
Data Code
Vishay
Sprague
Logo
Indicates
Lead
(Pb)-free
Voltage
Capacitance
µF
Polarity
Band (+)
22
10L
XX
2
B, C, D Case


Similar Part No. - 793DE106X0010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2TE3 VISHAY-793DX106X0010B2TE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2WE3 VISHAY-793DX106X0010B2WE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8T VISHAY-793DX106X0010B8T Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8W VISHAY-793DX106X0010B8W Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
More results

Similar Description - 793DE106X0010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com