Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL203023151E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL203023151E3
Description  Aluminum Capacitors Axial Standard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203023151E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL203023151E3 Datasheet HTML 1Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 2Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 3Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 4Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 5Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 6Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 7Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 8Page - Vishay Siliconix MAL203023151E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28327
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
183
030/031 AS
Aluminum Capacitors
Axial Standard
Vishay BCcomponents
CAPACITANCE (C)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR:
Case Ø D x L = 3.3 x 11 and 4.5 x 10 mm
IL1 ≤ 0.05 CR xUR or 5 µA, whichever is greater
Case Ø D x L = 6 x 10 to 10 x 25 mm
IL1 for CV ≤ 1000: ≤ 0.01 CR xUR or 1 µA, whichever is greater
IL1 for CV > 1000: ≤ 0.006 CR xUR +4 µA
UR = 100 V
IL1 = 0.02 CR xUR +4µA
After 5 minutes:
UR = 6.3 to 63 V
IL5 ≤ 0.002 CR xUR +5µA
UR = 100 V
IL5 ≤ 0.006 CR xUR +4µA
Inductance
Equivalent series
inductance (ESL)
Case Ø D x L mm:
3.3 x 11
typ. 11 nH
4.5 x 10
typ. 10 nH
6 x 10
typ. 22 nH
8 x 11
typ. 85 nH
6.5 x 18
typ. 25 nH
8 x 18
typ. 40 nH
10 x 18
typ. 61 nH
10 x 25
typ. 38 nH
Resistance
Equivalent series
resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R
T
amb (°C)
C
0 = capacitance at 20 °C, 100 Hz
7
6
5
4
3
2
1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
- 60
- 40
- 20
0
20
40
60
80
C
C
0
Fig.3 Typical multiplier of capacitance as a function
of ambient temperature
1
2
Curve 1: 6.3 V
Curve 2: 10 V
Curve 3: 16 V
Curve 4: 25 V
Curve 5: 40 V
Curve 6: 63 V
Curve 7: 100 V
1.05
1.00
0.95
0.90
0.85
0.75
10
10
2
10
3
10
4
C
C
0
T
amb (°C)
Fig.4 Typical multiplier of capacitance as a
function of frequency
7
6
5
4
3
2
1
1
7
C
0 = capacitance at 20 °C, 100 Hz
Curve 1: 6.3 V
Curve 2: 10 V
Curve 3: 16 V
Curve 4: 25 V
Curve 5: 40 V
Curve 6: 63 V
Curve 7: 100 V


Similar Part No. - MAL203023151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
More results

Similar Description - MAL203023151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com