Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

793DE106X9010B8W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 793DE106X9010B8W
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

793DE106X9010B8W Datasheet(HTML) 3 Page - Vishay Siliconix

  793DE106X9010B8W Datasheet HTML 1Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 2Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 3Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 4Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 5Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 6Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 7Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 8Page - Vishay Siliconix 793DE106X9010B8W Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40112
50
Revision: 14-May-08
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC at + 85 °C, 2.7 VDC at + 125 °C
3.3
A
793DX335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
793DE335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC3335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC4335(1)004A(2)
0.5
6
7.6
9.0
0.10
4.7
A
793DE475(1)004A(2)
0.5
6
6.3
8.0
0.11
10
B
793DX106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
793DE106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC3106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC4106(1)004B(2)
0.5
6
3.5
4.5
0.12
15
B
793DE156(1)004B(2)
0.6
6
2.9
3.8
0.17
33
C
793DX336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
793DE336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC3336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC4336(1)004C(2)
1.3
6
1.8
2.4
0.25
68
D
793DX686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
793DE686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC3686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC4686(1)004D(2)
2.7
6
0.8
1.3
0.43
100
D
793DX107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
793DE107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC3107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC4107(1)004D(2)
4.0
6
0.7
1.0
0.46
6.3 VDC at + 85 °C, 4 VDC at + 125 °C
2.2
A
793DX225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
793DE225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC3225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC4225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
3.3
A
793DE335(1)6R3A(2)
0.5
6
6.3
8.0
0.11
6.8
B
793DX685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
793DE685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC3685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC4685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
10
B
793DE106(1)6R3B(2)
0.6
6
2.9
3.8
0.17
22
C
793DX226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
793DE226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC3226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC4226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
47
D
793DX476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
793DE476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC3476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC4476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
68
D
793DX686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
793DE686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC3686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC4686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W


Similar Part No. - 793DE106X9010B8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2TE3 VISHAY-793DX106X0010B2TE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2WE3 VISHAY-793DX106X0010B2WE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8T VISHAY-793DX106X0010B8T Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8W VISHAY-793DX106X0010B8W Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
More results

Similar Description - 793DE106X9010B8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com