Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

735D436X0025A2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 735D436X0025A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D436X0025A2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 735D436X0025A2 Datasheet HTML 2Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 3Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 4Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 5Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 6Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 7Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 8Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 9Page - Vishay Siliconix 735D436X0025A2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40053
52
Revision: 29-Jun-07
735D, 735DE, CT79 (CECC 30202)
Vishay
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
STANDARD RATINGS to mil range CLR79
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz (mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
25 VDC at + 85 °C, 15 VDC at + 125 °C, 12 VDC at + 200 °C
10
A
735D106X0025A2
5.3
220
0.75
1.5
- 16
+ 9
+ 9
715
43
A
735D436X0025A2
5.3
120
1.5
3.0
- 28
+ 16
+ 16
715
50
B
735D506X0025B2
3.0
70
1.0
2.0
- 28
+ 15
+ 15
1130
120
C
735D127X0025C2
2.6
38
2.0
6 .0
- 32
+ 15
+ 15
1420
160
B
735D167X0025B2
3.0
60
2.0
5 .0
- 35
+ 15
+ 15
1130
180
C
735D187X0025C2
2.0
32
2.0
6 .0
- 48
+ 15
+ 15
1531
350
D
735D357X0025D2
1.0
24
3.0
12
- 64
+ 25
+ 25
2246
850
D
735D857X0025D2
1.3
26
4.0
15
- 80
+ 25
+ 25
1970
30 VDC at + 85 °C, 20 VDC at + 125 °C, 15 VDC at + 200 °C
8.0
A
735D805X0030A2
6.6
275
0.75
1.5
- 16
+ 12
+ 12
640
15
A
735D156X0030A2
6.2
175
0.75
1.5
- 20
+ 12
+ 12
660
25
A
735D256X0030A2
6.6
160
1.5
3.0
- 24
+ 12
+ 12
640
33
A
735D336X0030A2
6.6
160
1.5
3.0
- 26
+ 12
+ 12
640
40
B
735D406X0030B2
3.7
65
1.0
2.0
- 24
+ 12
+ 12
1065
68
B
735D686X0030B2
2.8
60
1.0
2.0
- 24
+ 15
+ 15
1215
100
C
735D107X0030C2
2.6
40
2.0
6.0
- 28
+ 12
+ 12
1477
120
B
735D127X0030B2
3.0
60
2.0
5.0
- 32
+ 15
+ 15
1185
150
B
735D157X0030B2
3.0
60
2.0
6.0
- 35
+ 15
+ 15
1185
150
C
735D157X0030C2
2.3
35
2.0
6.0
- 48
+ 15
+ 15
1525
170
B
735D177X0030B2
3.0
65
2.0
7.0
- 48
+ 15
+ 15
1185
300
C
735D307X0030C2
2.2
44
3.0
12
- 60
+ 15
+ 15
1559
300
D
735D307X0030D2
1.2
31
3.0
12
- 60
+ 25
+ 25
2100
330
C
735D337X0030C2
2.6
52
3.0
12
- 65
+ 25
+ 25
1373
350
C
735D357X0030C2
2.6
52
3.0
15
- 70
+ 25
+ 25
1477
390
C
735D397X0030C2
2.6
52
3.0
15
- 75
+ 25
+ 25
1477
430
C
735D437X0030C2
2.6
54
3.0
15
- 80
+ 25
+ 25
1477
560
D
735D567X0030D2
1.4
30
4.0
20
- 80
+ 25
+ 25
1050
50 VDC at + 85 °C, 30 VDC at + 125 °C, 25 VDC at + 200 °C
5.0
A
735D505X0050A2
8.0
400
0.75
2.0
- 16
+ 6
+ 6
580
10
A
735D106X0050A2
6.4
250
0.75
2.0
- 20
+ 9
+ 9
640
18
A
735D186X0050A2
8.0
200
1.5
3.0
- 24
+ 12
+ 12
580
22
A
735D226X0050A2
8.0
190
1.5
4.0
- 24
+ 12
+ 12
580
25
B
735D256X0050B2
4.6
95
1.0
3.0
- 20
+ 12
+ 12
1065
47
B
735D476X0050B2
3.7
70
1.0
3.0
- 24
+ 15
+ 15
1215
60
C
735D606X0050C2
2.9
45
2.0
7.0
- 16
+ 12
+ 12
1285
82
C
735D826X0050C2
2.3
45
2.0
7.0
- 32
+ 15
+ 15
1460
100
B
735D107X0050B2
3.2
67
2.0
7.0
- 40
+ 15
+ 15
1150
160
D
735D167X0050D2
1.3
27
3.0
16
- 50
+ 23
+ 23
2040
270
C
735D277X0050C2
2.6
52
3.0
15
- 60
+ 25
+ 25
1373
350
D
735D357X0050D2
1.5
30
4.0
20
- 70
+ 25
+ 25
1900
390
D
735D397X0050D2
1.5
30
5.0
25
- 75
+ 25
+ 25
1900
430
D
735D437X0050D2
1.5
31
5.0
25
- 80
+ 25
+ 25
1900


Similar Part No. - 735D436X0025A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D436X0025A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com