Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D306X0100C2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 769D306X0100C2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D306X0100C2 Datasheet(HTML) 6 Page - Vishay Siliconix

  769D306X0100C2 Datasheet HTML 1Page - Vishay Siliconix 769D306X0100C2 Datasheet HTML 2Page - Vishay Siliconix 769D306X0100C2 Datasheet HTML 3Page - Vishay Siliconix 769D306X0100C2 Datasheet HTML 4Page - Vishay Siliconix 769D306X0100C2 Datasheet HTML 5Page - Vishay Siliconix 769D306X0100C2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 769D306X0100C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D306X0100C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com