Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3441BDV-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3441BDV-T1-E3
Description  P-Channel 2.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3441BDV-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3441BDV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3441BDV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3441BDV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3441BDV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3441BDV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3441BDV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si3441BDV
Vishay Siliconix
www.vishay.com
2
Document Number: 72028
S-40424—Rev. C, 15-Mar-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.45
−0.85
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 70_C
−5
mA
On State Drain Currenta
ID( )
VDS = −5 V, VGS = −4.5 V
−10
A
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −2.5 V
−4
A
Drain Source On State Resistancea
rDS( )
VGS = −4.5 V, ID = −3.3 A
0.070
0.090
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −2.9 A
0.098
0.130
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −3.3 A
8.0
S
Diode Forward Voltagea
VSD
IS = −1.6 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
5.2
8.0
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −3.3 A
0.8
nC
Gate-Drain Charge
Qgd
1.5
Turn-On Delay Time
td(on)
15
25
Rise Time
tr
VDD = −10 V, RL = 10 W
55
85
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1.0 A, VGEN = −4.5 V, Rg = 6 W
30
45
ns
Fall Time
tf
40
60
Source-Drain Reverse Recovery Time
trr
IF = −1.6 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
12
16
20
0
1234
5
VGS = 4.5 thru 3.5 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
2 V
3 V
2.5 V
1.5 V


Similar Part No. - SI3441BDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3441BDV-T1-E3 VBSEMI-SI3441BDV-T1-E3 Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3441BDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com