Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3443CDV-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI3443CDV-T1-E3
Description  P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3443CDV-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI3443CDV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3443CDV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 74495
S-72338-Rev. A, 05-Nov-07
Vishay Siliconix
Si3443CDV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74495.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 110 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
0.1
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.05
0.02
Single Pulse
10-3
10-2
1
10
10-1
10-4


Similar Part No. - SI3443CDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3443CDV-T1-GE3 VBSEMI-SI3443CDV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3443CDV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com