Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

735D156X0030A2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 735D156X0030A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D156X0030A2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 735D156X0030A2 Datasheet HTML 2Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 3Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 4Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 5Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 6Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 7Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 8Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 9Page - Vishay Siliconix 735D156X0030A2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 735D156X0030A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D156X0030A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com