Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A1R8CLXAP2L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0402A1R8CLXAP2L
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A1R8CLXAP2L Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0402A1R8CLXAP2L Datasheet HTML 1Page - Vishay Siliconix VJ0402A1R8CLXAP2L Datasheet HTML 2Page - Vishay Siliconix VJ0402A1R8CLXAP2L Datasheet HTML 3Page - Vishay Siliconix VJ0402A1R8CLXAP2L Datasheet HTML 4Page - Vishay Siliconix VJ0402A1R8CLXAP2L Datasheet HTML 5Page - Vishay Siliconix VJ0402A1R8CLXAP2L Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
for High Reliability Applications
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45045
118
Revision: 20-Feb-08
VJ High Rel C0G (NP0)
Vishay Vitramon
FEATURES
• Surface-mount, precious metal technology
,
wet build process
• Made with a combination of design, materials
and tight process control to achieve very high
field reliability
• Periodic testing to MIL-PRF-55681 guidelines to maintain
a high level of quality
• Available with group A and C screening, process code “2L”
• Available with group A screening only, process code “68”
• Available with Voltage Conditioning only, process code “5G”
• Customized certification available on request to meet your
quality requirements
• Available with tin-lead barrier terminations order code “L”
• 100 % voltage conditioned
APPLICATIONS
• Implantable medical devices
• System critical capacitor applications in non-implantable
medical devices
• Mission critical military, aerospace and space applications
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise
specified.
Operating Temperature:
C0G: - 55 °C to + 125 °C
Capacitance Range: 0.5 pF to 0.056 µF
Voltage Rating: 10 Vdc to 600 Vdc
Temperature Coefficient of Capacitance (TCC):
C0G: 0 ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor:
0.1 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF
0.1 % max. at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
Aging Rate: 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 200 Vdc: DWV at 250 % of rated voltage.
500, 600 Vdc: DWV at 200 % of rated voltage.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
RoHS*
COMPLIANT


Similar Part No. - VJ0402A1R8CLXAP2L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A1R8CBQAC VISHAY-VJ0402A1R8CBQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402A1R8CEQAC VISHAY-VJ0402A1R8CEQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402A1R8CFAAT VISHAY-VJ0402A1R8CFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0402A1R8CFAAT VISHAY-VJ0402A1R8CFAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0402A1R8CFQAC VISHAY-VJ0402A1R8CFQAC Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
More results

Similar Description - VJ0402A1R8CLXAP2L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com