Electronic Components Datasheet Search |
|
ACAS06121K1B22K1ATP1 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
ACAS06121K1B22K1ATP1 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 6 page www.vishay.com For technical questions, contact: filmresistors.thinfilmarray@vishay.com Document Number: 28770 280 Revision: 11-Sep-08 ACAS 0612 AT - Precision Automotive Vishay Beyschlag Automotive Precision Thin Film Chip Resistor Array Notes (1) Figures are given for equal values (2) For a single element • The quoted IEC standards marked with an asterisk (*) are also released as EN standards with the same number and identical contents 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (0.25 % R + 0.05 Ω) 4.39 67 (Cy) Damp heat, steady state, accelerated (85 ± 2) °C (85 ± 5) % RH U = 0.1 x ≤ 100 V; 1000 h ± (0.5 % R + 0.05 Ω) 4.13 - Short time overload (2) U = 2.5 x or U = 2 x Umax.; 5 s ± (0.1 % R + 0.01 Ω) no visible damage 4.40 - Electrostatic discharge (Human Body Model) IEC 61340-3-1; 3 pos. + 3 neg. discharges 1 kV ± (0.5 % R + 0.05 Ω) 4.19 14 (Na) Rapid change of temperature 30 min at LCT and 30 min at UCT; 1000 cycles ± (0.25 % R + 0.05 Ω) no visible damage 4.18.2 58 (Td) Resistance to soldering heat Reflow method 2 (IR/forced gas convention); (260 ± 5) °C; (10 ± 1) s ± (0.1 % R + 0.01 Ω) no visible damage 4.17.2 58 (Td) Solderability Solder bath method; SnPb; non-activated flux accelerated aging 4h/155°C (215 ± 3) °C; (3 ± 0,3) s Good tinning ( ≥ 95 % covered); no visible damage Solder bath method; SnAgCu; non-activated flux accelerated aging 4h/155°C (235 ± 3) °C; (2 ± 0.2) s 4.32 21 (Ue1) Shear (adhesion) 45 N No visible damage 4.33 21 (Ue3) Substrate bending Depth 2 mm, 3 times ± (0.1 % R + 0.01 Ω) no visible damage; no open circuit in bent position 4.35 - Flammability IEC 60695-11-5, needle flame test; 10 s No burning after 30 s 4.22 6 (Fc) Vibration Endurance by sweeping; 10 to 2000 Hz; no resonance; amplitude ≤ 1.5 mm or ≤ 200 m/s2; 6 h ± (0.1 % R + 0.01 Ω); no visible damage 4.7 - Voltage proof Urms = Uins 60 ± 5 s; against ambient, between adjacent resistors No flashover or breakdown TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2* TEST METHOD TEST PROCEDURE REQUIREMENTS (1) PERMISSIBLE CHANGE ( ΔR) Stability for product types: ACAS 0612 AT 47 Ω to 150 kΩ P 70 x R P 70 x R |
Similar Part No. - ACAS06121K1B22K1ATP1 |
|
Similar Description - ACAS06121K1B22K1ATP1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |