Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1210X102KXXAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ1210X102KXXAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210X102KXXAT Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ1210X102KXXAT Datasheet HTML 1Page - Vishay Siliconix VJ1210X102KXXAT Datasheet HTML 2Page - Vishay Siliconix VJ1210X102KXXAT Datasheet HTML 3Page - Vishay Siliconix VJ1210X102KXXAT Datasheet HTML 4Page - Vishay Siliconix VJ1210X102KXXAT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
for TCC Critical Applications
VJ BX Dielectric
Vishay Vitramon
Document Number: 45005
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 20-Oct-08
51
Not for New Designs
Product Discontinuation
FEATURES
• Designed for excellent T/VCC
• Temperature voltage coefficient (T/VCC)
does not exceed - 25 % at rated voltage
• Excellent aging characteristics
• Surface mount, precious metal technology, wet build
process
GENERAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified
Capacitance Range: 120 pF to 2.7 µF
Voltage Range: 25 Vdc to 100 Vdc
Temperature Coefficient of Capacitance (TCC):
+ 15 %, - 25 % from - 55 °C to + 125 °C, with rated voltage
applied
± 15 % from - 55 °C to + 125 °C, with 0 Vdc applied
Dissipation Factor (DF):
2.5 % maximum at 1.0 Vrms and 1 kHz
Aging Rate: 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for
a 1 to 5 second period and the charge/discharge current
does not exceed 50 mA
≤ 100 V DC: DWV at 250 % of rated voltage
RoHS
COMPLIANT


Similar Part No. - VJ1210X102KXXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210 VISHAY-VJ1210 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1210 VISHAY-VJ1210 Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
VJ1210 VISHAY-VJ1210 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1210 VISHAY-VJ1210 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
VJ1210 VISHAY-VJ1210 Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
More results

Similar Description - VJ1210X102KXXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com