Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

735D397X0030C2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 735D397X0030C2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D397X0030C2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 735D397X0030C2 Datasheet HTML 2Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 3Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 4Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 5Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 6Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 7Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 8Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 9Page - Vishay Siliconix 735D397X0030C2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 40053
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 29-Jun-07
55
735D, 735DE, CT79 (CECC 30202)
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
Vishay
CT79 EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
DF
at
+ 25 °C
(%)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6.3 VDC at + 85 °C, 4 VDC at + 125 °C, 3 VDC at + 200 °C
150
A
CT79157X06R3A2
34
80
2.0
9.0
- 42
+ 16
+ 16
960
560
B
CT79567X06R3B2
106
48
2.0
10
- 68
+ 20
+ 20
1550
1500
C
CT79158X06R3C2
172
36
5.0
20
- 90
+ 25
+ 25
1930
2200
D
CT79228X06R3D2
170
22
6.0
24
- 90
+ 25
+ 25
2330
10 VDC at + 85 °C, 6.3 VDC at + 125 °C, 5 VDC at + 200 °C
100
A
CT79107X0010A2
30
82
2.0
6.0
- 40
+ 16
+ 16
930
390
B
CT79397X0010B2
74
54
2.0
10
- 60
+ 19
+ 20
1470
1200
C
CT79128X0010C2
137
36
5.0
20
- 80
+ 25
+ 25
1850
1800
D
CT79188X00l0D2
138
24
7.0
25
- 88
+ 30
+ 30
2300
16 VDC at + 85 °C, 10 VDC at + 125 °C, 8 VDC at + 200 °C
56
A
CT79566X0016A2
22
100
1.5
3.0
- 28
+ 16
+ 16
890
270
B
CT79277X0016B2
55
60
2.0
12
- 45
+ 18
+ 28
1430
820
C
CT79827X0016C2
95
42
6.0
24
- 80
+ 25
+ 25
1800
1200
D
CT79128X0016D2
103
25
8.0
32
- 84
+ 25
+ 30
2300
25 VDC at + 85 °C, 16 VDC at + 125 °C, 12 VDC at + 200 °C
39
A
CT79396X0025A2
16
120
2.0
9.0
- 28
+ 16
+ 16
820
180
B
CT79187X0025B2
36
60
2.0
10
- 48
+ 14
+ 15
1400
560
C
CT79567X0025C2
60
48
7.0
28
- 80
+ 25
+ 25
1750
820
D
CT79827X0025D2
82
26
8.0
32
- 80
+ 25
+ 25
2100
40 VDC at + 85 °C, 25 VDC at + 125 °C, 20 VDC at + 200 °C
22
A
CT79226X0040A2
11
190
1.5
4.0
- 24
+ 12
+ 12
745
120
B
CT79127X0040B2
30
62
2.0
12
- 32
+ 15
+ 15
1315
330
C
CT79337X0040C2
43
52
8.0
32
- 65
+ 25
+ 25
1640
470
D
CT79477X0040D2
45
30
9.0
35
- 80
+ 25
+ 25
2040
63 VDC at + 85 °C, 40 VDC at + 125 °C, 31 VDC at + 200 °C
15
A
CT79156X0063A2
8.0
220
2.0
9.0
- 22
+ 9.0
+ 9.0
650
82
B
CT79826X0063B2
22
70
2.0
12
- 36
+ 15
+ 15
1220
220
C
CT79227X0063C2
37
55
8.0
32
- 50
+ 25
+ 25
1520
330
D
CT79337X0063D2
32
31
10.0
40
- 72
+ 25
+ 25
1970
80 VDC at + 85 °C, 50 VDC at + 125 °C, 40 VDC at + 200 °C
8.2
A
CT79825X0080A2
6.0
280
1.5
3.0
- 22
+ 9.0
+ 9.0
610
68
B
CT79686X0080B2
21
86
2.0
12
- 36
+ 15
+ 15
1200
150
C
CT79157X0080C2
25
60
9.0
36
- 40
+ 20
+ 20
1490
220
D
CT79227X0080D2
37
32
10
40
- 60
+ 22
+ 22
1900
100 VDC at + 85 °C, 63 VDC at + 125 °C, 50 VDC at + 200 °C
5.6
A
CT79565X0100A2
6.0
475
2.0
5.0
- 17
+ 8.0
+ 8.0
565
39
B
CT79396X0100B2
10
92
2.0
12
- 24
+ 12
+ 12
1300
68
C
CT79686X0100C2
15
60
10
40
- 30
+ 15
+ 15
1600
100
D
CT79107X0100D2
11
36
3.0
24
- 35
+ 20
+ 20
1900
125 VDC at + 85 °C, 80 VDC at + 125 °C, 62 VDC at + 200 °C
18
B
CT79186X0125B2
8.0
133
2.0
10
- 16
+ 8.0
+ 8.0
1065
47
C
CT79476X0125C2
9.0
70
2.0
10
- 23
+ 10
+ 10
1500
82
D
CT79826X0125D2
10.0
39
3.0
24
- 24
+ 18
+ 18
1900


Similar Part No. - 735D397X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D397X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com