Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3469DV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3469DV
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3469DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3469DV Datasheet HTML 1Page - Vishay Siliconix SI3469DV Datasheet HTML 2Page - Vishay Siliconix SI3469DV Datasheet HTML 3Page - Vishay Siliconix SI3469DV Datasheet HTML 4Page - Vishay Siliconix SI3469DV Datasheet HTML 5Page - Vishay Siliconix SI3469DV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Load Switch
− Notebook PC
− Game Machine
− Desktop
Si3469DV
Vishay Siliconix
New Product
Document Number: 72676
S-40271—Rev. A, 23-Feb-04
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−20
0.030 @ VGS = −10 V
−6.7
−20
0.051 @ VGS = −4.5 V
−5.1
(1, 2, 5, 6) D
(4) S
(3) G
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3469DV-T1—E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.7
−5.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−5.3
−4.0
A
Pulsed Drain Current
IDM
−25
A
Continuous Source Current (Diode Conduction)a
IS
−1.7
−0.95
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.14
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.73
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
45
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI3469DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3469DV VISHAY-SI3469DV Datasheet
94Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Feb-04
SI3469DV VISHAY-SI3469DV Datasheet
190Kb / 10P
   P-Channel 20-V (D-S) MOSFET
08-Feb-17
SI3469DV-T1-E3 VISHAY-SI3469DV-T1-E3 Datasheet
94Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Feb-04
logo
VBsemi Electronics Co.,...
SI3469DV-T1-E3 VBSEMI-SI3469DV-T1-E3 Datasheet
447Kb / 9P
   P-Channel 30-V (D-S) MOSFET
SI3469DV-T1-GE3 VBSEMI-SI3469DV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3469DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com