Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1808A1R8DFXAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ1808A1R8DFXAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1808A1R8DFXAT Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ1808A1R8DFXAT Datasheet HTML 1Page - Vishay Siliconix VJ1808A1R8DFXAT Datasheet HTML 2Page - Vishay Siliconix VJ1808A1R8DFXAT Datasheet HTML 3Page - Vishay Siliconix VJ1808A1R8DFXAT Datasheet HTML 4Page - Vishay Siliconix VJ1808A1R8DFXAT Datasheet HTML 5Page - Vishay Siliconix VJ1808A1R8DFXAT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45053
38
Revision: 28-Aug-08
VJ C0G (NP0) Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
FEATURES
• C0G is an ultra-stable dielectric offering a
Temperature Coefficient of Capacitance (TCC)
of 0 ± 30 ppm/°C
• Low Dissipation Factor (DF)
• Ideal for critical timing and tuning applications
• Ideal for snubber and surge suppression applications
• Protective surface coating of high voltage capacitors
maybe required to prevent surface arcing.
• Surface mount, precious metal technology, wet build
process
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 1.0 pF to 0.056 µF
Voltage Rating: 10 Vdc to 1000 Vdc
Temperature Coefficient of Capacitance (TCC):
0 ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 Vrms and 1 kHz for values > 1000 pF
0.1 % maximum at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
Aging Rate: 0 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for
a 1 to 5 second period and the charge/discharge current
does not exceed 50 mA
≤ 200 Vdc : DWV at 250 % of rated voltage
500 Vdc: DWV at 200 % of rated voltage
630/1000 Vdc: DWV at 150 % of rated voltage
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process Code may be added with up to three digits, used to control non-standard products and/or special requirements
(3) Case size designator may be replaced by a four digit drawing number used to control non-standard products and/or requirements
ORDERING INFORMATION
VJ0805
A
102
K
X
A
A
T
### (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
A = C0G (NP0)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An “R”
indicates a
decimal point.
Examples:
102 = 1000 pF
1R8 = 1.8 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Note:
B, C, D < 10 pF
F, G, J, K
≥ 10 pF
X = Ni barrier
100 % tin
plated
F = AgPd
X = 25 V
A = 50 V
B = 100 V
C = 200 V
E = 500 V
L = 630 V
G = 1000 V
A = Unmarked
M = Marked
Note: Marking is
only available for
0805 and 1206
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
O = 7" reel/flamed paper tape
I = 11 1/4"/13" reel/flamed paper tape
Note: “I” and “O” is used for
“F” termination paper taped
RoHS
COMPLIANT


Similar Part No. - VJ1808A1R8DFXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1808A1R8DLJAC2L VISHAY-VJ1808A1R8DLJAC2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1808A1R8DLJAC5G VISHAY-VJ1808A1R8DLJAC5G Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1808A1R8DLJAC68 VISHAY-VJ1808A1R8DLJAC68 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1808A1R8DLJAP2L VISHAY-VJ1808A1R8DLJAP2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1808A1R8DLJAP5G VISHAY-VJ1808A1R8DLJAP5G Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
More results

Similar Description - VJ1808A1R8DFXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com