Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYS459B-1500S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYS459B-1500S
Description  High Voltage Damper Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS459B-1500S Datasheet(HTML) 2 Page - Vishay Siliconix

  BYS459B-1500S Datasheet HTML 1Page - Vishay Siliconix BYS459B-1500S Datasheet HTML 2Page - Vishay Siliconix BYS459B-1500S Datasheet HTML 3Page - Vishay Siliconix BYS459B-1500S Datasheet HTML 4Page - Vishay Siliconix BYS459B-1500S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYS459-1500S, BYS459F-1500S & BYS459B-1500S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88551
Revision: 06-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage (1)
IF = 6.5 A,
IF = 6.5 A,
TJ = 25 °C
TJ = 125 °C
VF
1.35
1.25
V
Maximum DC reverse current
VRWM
TJ = 25 °C
TJ = 125 °C
IR
250
1.0
µA
mA
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 50 A/µs, VR = 30 V
trr
220
ns
Maximum reverse recovery charge
IF = 2.0 A, dI/dt = 20 A/µs, VR = 30 V
Qrr
0.95
µC
Maximum forward recovery time
IF = 6.5 A, dI/dt = 52 A/µs, VR = 5 V
tfr
300
ns
Peak forward recovery overshoot voltage
IF = 6.5 A, dI/dt = 52 A/µs
VFP
27
V
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYS459
BYS459F
BYS459B
UNIT
Typical thermal resistance from junction to case
RθJC
2.0
4.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
BYS459-1500S-E3/45
1.80
45
50/tube
Tube
ITO-220AC
BYS459F-1500S-E3/45
1.95
45
50/tube
Tube
TO-263AB
BYS459B-1500S-E3/45
1.77
45
50/tube
Tube
TO-263AB
BYS459B-1500S-E3/81
1.77
81
800/reel
Tape reel
Figure 1. Forward Current Derating Curve
150
175
125
100
75
50
25
0
2
4
6
8
10
12
BYS459-1500S
BYS459B-1500S
BYS459F-1500S
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
40
60
80
100
120
140
20
1
100
10
Number of Cycles at 60 Hz


Similar Part No. - BYS459B-1500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459B-1500S VISHAY-BYS459B-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
BYS459B-1500S VISHAY-BYS459B-1500S Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
More results

Similar Description - BYS459B-1500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
   High Voltage Damper Diodes
02-Nov-04
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com