Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS471A6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNS471A6
Description  Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNS471A6 Datasheet(HTML) 2 Page - Vishay Siliconix

  CNS471A6 Datasheet HTML 1Page - Vishay Siliconix CNS471A6 Datasheet HTML 2Page - Vishay Siliconix CNS471A6 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 60043
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 12-Jul-06
87
CNS 471
Decade Divider, Single-In-Line
Thin Film Resistor Networks (Standard)
Vishay Sfernice
DIMENSIONS
5 Decades
6 Decades
D
E
C
B
F
G
A
D
E
C
B
F
G
A
DIMENSION
INCHES
MILLIMETERS
A
0.100
2.54
B
0.830
21.08
C
0.020
0.51
D
0.275
7 max.
E
0.125
3.17
F
0.100
2.54 max.
G
0.010
0.25
DIMENSION
INCHES
MILLIMETERS
A
0.100
2.54
B
0.830
21.08
C
0.020
0.51
D
0.275
7 max.
E
0.125
3.17
F
0.100
2.54 max.
G
0.010
0.25
MECHANICAL SPECIFICATIONS
Resistive material
Nichrome
Coating
Fluidized epoxy
Terminals
Tin/silver on copper alloy
Substrate material
Alumina
Marking resistance to solvents
Laser marking
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CNS471A6
Historical Part Number example: CNS 471 A 6 e2
1
4
S
N
C
7
A
TOLERANCE
B: 0.1 %; 0.1 %
A: 0.1 %; 0.05 %
Q: 0.1 %; 0.03 %
6
NUMBER OF DECADES
5
6
MODEL


Similar Part No. - CNS471A6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471A6 VISHAY-CNS471A6 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471A6 VISHAY-CNS471A6 Datasheet
91Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
Revision: 28-Aug-13
CNS471A6 VISHAY-CNS471A6 Datasheet
84Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
01-Jan-2022
More results

Similar Description - CNS471A6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
Revision: 28-Aug-13
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
   Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
01-Jan-2022
100267 VISHAY-100267 Datasheet
70Kb / 3P
   Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
01-Jan-2022
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
   Conformal, Single In-Line Resistor Networks (Standard)
Revision: 05-Mar-08
100-267 VISHAY-100-267 Datasheet
227Kb / 3P
   Decade Divider, Single In-Line Network
Revision: 03-Aug-07
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
   Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com