Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

735D355X0075A2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 735D355X0075A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D355X0075A2 Datasheet(HTML) 5 Page - Vishay Siliconix

  735D355X0075A2 Datasheet HTML 1Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 2Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 3Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 4Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 5Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 6Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 7Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 8Page - Vishay Siliconix 735D355X0075A2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 40053
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 29-Jun-07
51
735D, 735DE, CT79 (CECC 30202)
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
Vishay
STANDARD RATINGS to mil range CLR79
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 VDC at + 85 °C, 4V at + 125 °C, 3 VDC at + 200 °C
30
A
735D306X0006A2
4.0
l00
0.75
1.5
- 40
+ 12
+ 12
820
68
A
735D686X0006A2
2.9
60
0.75
1.5
- 40
+ 16
+ 16
960
140
B
735D147X0006B2
2.2
40
1.0
3.0
- 40
+ 16
+ 16
1200
160
A
735D167X0006A2
4.0
80
1.5
3.0
- 42
+ 16
+ 16
820
270
B
735D277X0006B2
2.0
25
1.0
2.0
- 44
+ 20
+ 20
1375
330
C
735D337X0006C2
1.4
20
2.0
6.0
- 44
+ 16
+ 16
1800
560
B
735D567X0006B2
2.4
48
2.0
10
- 68
+ 20
+ 20
1255
560
C
735D567X0006C2
1.3
25
2.0
6.0
- 64
+ 20
+ 20
1900
1200
D
735D128X0006D2
0.9
20
3.0
12
- 80
+ 25
+ 25
2388
1500
C
735D158X0006C2
1.8
36
3.0
15
- 84
+ 25
+ 25
1615
2200
D
735D228X0006D2
1.0
22
4.0
15
- 86
+ 25
+ 25
2265
8 VDC at + 85 °C, 5 VDC at + 125 °C, 4 VDC at + 200 °C
25
A
735D256X0008A2
4.0
100
0.75
1.5
- 40
+ 12
+ 12
820
56
A
735D566X0008A2
3.3
59
0.75
1.5
- 40
+ 16
+ 16
900
120
A
735D127X0008A2
4.0
80
1.0
2.0
- 44
+ 20
+ 16
820
120
B
735D127X0008B2
2.6
50
1.0
2.0
- 44
+ 20
+ 16
1230
220
B
735D227X0008B2
2.4
30
1.0
2.0
- 44
+ 18
+ 20
1300
290
C
735D297X0008C2
1.8
25
2.0
6.0
- 64
+ 20
+ 16
1745
430
B
735D437X0008B2
2.6
54
2.0
10
- 64
+ 20
+ 20
1230
430
C
735D437X0008C2
1.4
25
2.0
6.0
- 64
+ 20
+ 20
1825
850
D
735D857X0008D2
1.0
22
3.0
12
- 80
+ 25
+ 25
2456
10 VDC at + 85 °C, 7 VDC at + 125 °C, 5 VDC at + 200 °C
20
A
735D206X0010A2
4.0
175
0.75
1.5
- 32
+ 12
+ 12
820
100
B
735D107X0010B2
2.4
60
1.0
2.0
- 35
+ 16
+ 16
1200
250
C
735D257X0010C2
1.8
30
2.0
6.0
- 40
+ 16
+ 16
1720
300
B
735D307X0010B2
2.6
52
2.0
5.0
- 54
+ 18
+ 18
1195
350
B
735D357X0010B2
2.6
52
2.0
5.0
- 60
+ 18
+ 18
1195
390
C
735D397X0010C2
1.5
25
2.0
6.0
- 64
+ 20
+ 20
1800
750
D
735D757X0010D2
0.9
22
3.0
12
- 80
+ 25
+ 25
2487
850
C
735D857X0010C2
1.8
36
3.0
12
- 84
+ 25
+ 25
1720
15 VDC at + 85 °C, 10 VDC at + 125 °C, 7 VDC at + 200 °C
15
A
735D156X0015A2
4.4
155
0.75
1.5
- 24
+ 12
+ 12
780
33
A
735D336X0015A2
4.0
90
0.75
1.5
- 28
+ 16
+ 16
820
47
A
735D476X0015A2
4.7
100
1.0
2.0
- 28
+ 16
+ 16
760
56
A
735D566X0015A2
4.7
l00
1.0
2.0
- 28
+ 16
+ 16
760
70
B
735D706X0015B2
2.8
75
1.0
2.0
- 28
+ 16
+ 16
1150
120
B
735D127X0015B2
2.6
50
1.0
2.0
- 28
+ 16
+ 16
1230
170
C
735D177X0015C2
2.4
35
2.0
6.0
- 32
+ 16
+ 16
1480
220
B
735D227X0015B2
2.8
62
2.0
5.0
- 35
+ 16
+ 16
1215
270
B
735D277X0015B2
2.8
60
2.0
5.0
- 45
+ 18
+ 18
1215
270
C
735D277X0015C2
2.2
30
2.0
6.0
- 56
+ 20
+ 20
1709
290
B
735D297X0015B2
2 8
65
2.0
5.0
- 54
+ 18
+ 18
1215
540
D
735D547X0015D2
1.0
23
3.0
12
- 80
+ 25
+ 25
2300
750
C
735D757X0015C2
2.1
42
3.0
15
- 80
+ 25
+ 25
1582
850
D
735D857X0015D2
1.0
24
4.0
15
- 80
+ 25
+ 25
2300
1200
D
735Dl28X0015D2
1.0
25
4.0
15
- 84
+ 25
+ 25
2300


Similar Part No. - 735D355X0075A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D355X0075A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com