Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7561 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7561
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7561 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7561 Datasheet HTML 1Page - STMicroelectronics TDA7561 Datasheet HTML 2Page - STMicroelectronics TDA7561 Datasheet HTML 3Page - STMicroelectronics TDA7561 Datasheet HTML 4Page - STMicroelectronics TDA7561 Datasheet HTML 5Page - STMicroelectronics TDA7561 Datasheet HTML 6Page - STMicroelectronics TDA7561 Datasheet HTML 7Page - STMicroelectronics TDA7561 Datasheet HTML 8Page - STMicroelectronics TDA7561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TDA7561
4/19
ELECTRICAL CHARACTERISTCS
(Refer to the test circuit, VS = 14.4V; RL = 4
Ω; f = 1KHz;Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER AMPLIFIER
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
150
300
mA
PO
Output Power
EIAJ (VS = 13.7V)
32
35
W
THD = 10%
22
25
W
THD = 1%
20
W
RL = 2Ω; EIAJ (VS = 13.7V)
50
55
W
RL = 2Ω; THD 10%
32
38
W
RL = 2Ω; THD 1%
30
W
RL = 2Ω; MAX POWER
60
W
THD
Total Harmonic Distortion
PO = 1W to 10W;
0.04
0.1
%
GV = 12dB; VO = 0.1 to 5VRMS
0.02
0.05
%
CT
Cross Talk
f = 1KHz to 10KHz, RG = 600Ω
50
60
dB
RIN
Input Impedance
80
100
130
K
GV1
Voltage Gain 1
25
26
27
dB
∆GV1
Voltage Gain Match 1
-1
1
dB
GV2
Voltage Gain 2
11
12
13
dB
∆GV2
Voltage Gain Match 2
-1
1
dB
EIN1
Output Noise Voltage 1
Rg = 600
Ω, 20Hz to 22kHz
35
80
µV
EIN2
Output Noise Voltage 2
Rg = 600
Ω; GV = 12dB
20Hz to 22kHz
12
20
µV
SVR
Supply Voltage Rejection
f = 100Hz to 10kHz;
Vr = 1Vpk; Rg = 600
50
60
dB
BW
Power Bandwidth
100
KHz
ASB
Stand-by Attenuation
90
110
dB
ISB
Stand-by Current
25
100
µA
AM
Mute Attenuation
80
100
dB
VOS
Offset Voltage
Mute & Play
-100
0
100
mV
VAM
Min. Supply Mute Threshold
7
7.5
8
V
TON
Turn on Delay
D2/D1 (IB1) 0 to 1
20
40
ms
TOFF
Turn off Delay
D2/D1 (IB1) 1 to 0
20
40
ms


Similar Part No. - TDA7561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA75610DLV ETC2-TDA75610DLV Datasheet
2Mb / 2P
   power amplifiers moving to the green zone
logo
STMicroelectronics
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
   4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 8
TDA75610DLVPDTR STMICROELECTRONICS-TDA75610DLVPDTR Datasheet
1Mb / 37P
   4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 8
logo
List of Unclassifed Man...
TDA75610LV ETC2-TDA75610LV Datasheet
2Mb / 2P
   power amplifiers moving to the green zone
logo
STMicroelectronics
TDA75610S-48X STMICROELECTRONICS-TDA75610S-48X Datasheet
928Kb / 42P
   4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
December 2014 Rev 6
More results

Similar Description - TDA7561

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
   4 x 50W multifunction quad power amplifier with built-in diagnostics features
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
   4 x 40 W multifunction quad power amplifier with built-in diagnostics features
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
February 2016 Rev 1
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com