Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1812A102BXAAT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJ1812A102BXAAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1812A102BXAAT Datasheet(HTML) 5 Page - Vishay Siliconix

  VJ1812A102BXAAT Datasheet HTML 1Page - Vishay Siliconix VJ1812A102BXAAT Datasheet HTML 2Page - Vishay Siliconix VJ1812A102BXAAT Datasheet HTML 3Page - Vishay Siliconix VJ1812A102BXAAT Datasheet HTML 4Page - Vishay Siliconix VJ1812A102BXAAT Datasheet HTML 5Page - Vishay Siliconix VJ1812A102BXAAT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45053
42
Revision: 28-Aug-08
VJ C0G (NP0) Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
- 75 - 50 - 25
0
50
100 125
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
NP0
TEMPERATURE
°C
150 175
25
75
TEMPERATURE COEFFICIENT OF CAPACITANCE
TYPICAL PARAMETER C0G (NP0)
0
1020
30
4050
6070
8090
100
0.2
0.1
0.0
- 0.1
- 0.2
DC VOLTS APPLIED
VOLTAGE COEFFICIENT OF CAPACITANCE
TYPICAL PARAMETER C0G (NP0)
AGING RATE
HOURS
1
10
100
1000
10 000
0.2
0.1
0.0
- 0.1
- 0.2
TYPICAL PARAMETER C0G (NP0)
TEMPERATURE °C
MINIMUM INSULATION
RESISTANCE VS. TEMPERATURE
10
25
100
150
10 000
1000
100
10
50
TYPICAL PARAMETER C0G (NP0)
CHANGE OF CAPACITANCE WITH FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
2
1
0
-1
-2
+
+
TYPICAL PARAMETER C0G (NP0)
CHANGE OF CAPACITANCE WITH FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
0.00025
0.0005
0.001
TYPICAL PARAMETER C0G (NP0)


Similar Part No. - VJ1812A102BXAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812A102 VISHAY-VJ1812A102 Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJ1812A102CLJAC2L VISHAY-VJ1812A102CLJAC2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1812A102CLJAC5G VISHAY-VJ1812A102CLJAC5G Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1812A102CLJAC68 VISHAY-VJ1812A102CLJAC68 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1812A102CLJAP2L VISHAY-VJ1812A102CLJAP2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
More results

Similar Description - VJ1812A102BXAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com