Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

248D708103E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 248D708103E3
Description  1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

248D708103E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  248D708103E3 Datasheet HTML 1Page - Vishay Siliconix 248D708103E3 Datasheet HTML 2Page - Vishay Siliconix 248D708103E3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 57054
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-Jul-07
111
248, 249
Vishay Spectrol
1/2" (12.7 mm) Conductive Plastic & Cermet
Potentiometers
FEATURES
Model 248/249 retains the proven high
performance characteristics in a more cost
effective package
• Cost effective panel potentiometers
• P.C.B. mounting potentiometers
DIMENSIONS in millimeters (inches)
METAL OR PLASTIC SHAFTS
RoHS
COMPLIANT
VISHAY
SCREWDRIVER SLOT SHOWN IN MID
ELECTRICAL TRAVEL
12.7 (0.500) ± 0.4
0.8 (0.30) WIDE × 0.8 (0.03) DEEP
12.7 (0.500) ± 0.4
0.41 (0.016)
6.9 (0.272)
2.54 (0.100) ± 0.25
2.54 (0.100) ± 0.25
0.5 (0.020)
1/4" - 32 NEF - 2A
Ø 3.18 (0.125) ± 0.025
19.05 (0.750) ± 0.75
MARKING -
MODEL & RESISTANCE
DATA CODE
TERMINAL
PINS × 3
22.22 (0.875) ± 0.75
MOUNTING
SURFACE
7.6 (0.300) ± 0.4
9.5 (0.375)
3/8" - 32 NEF - 2A
5.08 (0.200) ± 0.25
0.36 (0.014)
0.0
Ø 6.35 (0.250) - 0.05
9.5 (0.375)
0.36
2.54
P.C. BOARD
SURFACE
1.0 TYP
10.16
6.76
(0.266)
2.55 TYP
3.18
(0.125)
METAL SHAFT
D = REAR LOCATING LUGS
E = REAR STAND OFF
8.5
12.70
MTGLUG CI.
3.14
X = STANDARD LEADS
Tolerance unless otherwise
specified ± 0.5
1
2
3
CW


Similar Part No. - 248D708103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
logo
3M Electronics
248-1282-00-0602J 3M-248-1282-00-0602J Datasheet
240Kb / 3P
   For DIPs with .100" (2.54 mm) lead spacing
logo
ITT Industries
248-2967-000 ITT-248-2967-000 Datasheet
9Mb / 301P
   D Subminiature Connectors
248-4500-000 ITT-248-4500-000 Datasheet
3Mb / 76P
   DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
248-4501-000 ITT-248-4501-000 Datasheet
3Mb / 76P
   DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - 248D708103E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
148 VISHAY-148 Datasheet
116Kb / 4P
   1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Revision: 31-Jul-06
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
148 VISHAY-148_V01 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
P11 VISHAY-P11 Datasheet
260Kb / 14P
   12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 16-Jun-08
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
Vishay Siliconix
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com