|
| TSOP6230_08 |
|
||
|
VISHAY |
|
6 page
Document Number: 82177 www.vishay.com Rev. 1.7, 20-Aug-08 205 TSOP62.. IR Receiver Modules for Remote Control Systems Vishay Semiconductors PACKAGE DIMENSIONS in millimeters ASSEMBLY INSTRUCTIONS Reflow Soldering • Reflow soldering must be done within 72 h while stored under a max. temperature of 30 °C, 60 % RH after opening the dry pack envelope • Set the furnace temperatures for pre-heating and heating in accordance with the reflow temperature profile as shown in the diagram. Excercise extreme care to keep the maximum temperature below 260 °C. The temperature shown in the profile means the temperature at the device surface. Since there is a temperature difference between the component and the circuit board, it should be verified that the temperature of the device is accurately being measured • Handling after reflow should be done only after the work surface has been cooled off Manual Soldering • Use a soldering iron of 25 W or less. Adjust the temperature of the soldering iron below 300 °C • Finish soldering within 3 s • Handle products only after the temperature has cooled off 16629 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TSOP32230 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP2130_08 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP2230_08 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP322 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP31130 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP31230 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP4130_08 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP4830_08 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP34830 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
| TSOP6130 | IR Receiver Modules for Remote Control Systems | 1 2 3 4 5 More | Vishay Siliconix |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |