Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY65B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY65B
Description  Optocoupler, Phototransistor Output,Very High Isolation Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65B Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY65B Datasheet HTML 1Page - Vishay Siliconix CNY65B Datasheet HTML 2Page - Vishay Siliconix CNY65B Datasheet HTML 3Page - Vishay Siliconix CNY65B Datasheet HTML 4Page - Vishay Siliconix CNY65B Datasheet HTML 5Page - Vishay Siliconix CNY65B Datasheet HTML 6Page - Vishay Siliconix CNY65B Datasheet HTML 7Page - Vishay Siliconix CNY65B Datasheet HTML 8Page - Vishay Siliconix CNY65B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 83540
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 20-Oct-08
239
CNY64, CNY65, CNY66
Optocoupler, Phototransistor Output,
Very High Isolation Voltage
Vishay Semiconductors
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
Fig. 5 - Switching Times
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 7 - Forward Current vs. Forward Voltage
Channel I
Channel II
95 10900
RG = 50
tp
tp = 50 µs
T
= 0.01
+ 5 V
IC = 5 mA; adjusted through
input amplitude
IF
0
IF
50
100
Oscilloscope
RL 1 M
CL 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
CL
20 pF
1 M
Ω
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)Turn-off time
96 11698
025
50
75
0
40
80
120
200
100
Tamb - Ambient Temperature (°C)
160
Coupled device
Phototransistor
IR-diode
95 11003
0.1
1
10
100
1000
0
V
F - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8


Similar Part No. - CNY65B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65B VISHAY-CNY65B Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY65B VISHAY-CNY65B Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY65B VISHAY-CNY65B Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY65BEXI VISHAY-CNY65BEXI Datasheet
108Kb / 7P
   Optocoupler, Phototransistor Output, ATEX Certified
Rev. 2.5, 10-Feb-15
CNY65BEXI VISHAY-CNY65BEXI Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, ATEX Certified
01-Jan-2022
More results

Similar Description - CNY65B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com