Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY74-4H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNY74-4H
Description  Optocoupler, Phototransistor Output,Multichannel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY74-4H Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY74-4H Datasheet HTML 1Page - Vishay Siliconix CNY74-4H Datasheet HTML 2Page - Vishay Siliconix CNY74-4H Datasheet HTML 3Page - Vishay Siliconix CNY74-4H Datasheet HTML 4Page - Vishay Siliconix CNY74-4H Datasheet HTML 5Page - Vishay Siliconix CNY74-4H Datasheet HTML 6Page - Vishay Siliconix CNY74-4H Datasheet HTML 7Page - Vishay Siliconix CNY74-4H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83526
2
Rev. 1.5, 07.-Dec-07
CNY74-2H/CNY74-4H
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Multichannel
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Related to standard climate 23/50 DIN 50014.
(3) Refer to wave profile for soldering conditions for through hole devices (DIP).
Note
(1) Tamb = 25 °C, unless otherwise specified. Minimum and maximum values were tested requierements. Typical values are characteristics of the
device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
(2) Related to standard climate 23/50 DIN 50014.
COUPLER
AC isolation test voltage (RMS)
t = 1 min
VISO (2)
5000
VRMS
Total power dissipation
Ptot
250
mW
Ambient temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTCS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector dark current
VCE = 20 V, IF = 0 A, E = 0
ICEO
100
nA
COUPLER
DC isolation test voltage
t = 2 s
VISO(2)
5000
V
Isolation resistance
VIO = 1000 V, 40 %
relative humidity
RIO(2)
1012
Ω
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA, RL = 100 Ω
fc
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
CTR
50
100
600
%
VCE = 5 V, IF = 10 mA
CTR
60
120
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
tr
3.0
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
ton
6.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
toff
5.0
µs
Turn-on time
VS = 5 V, IC = 10 mA, RL = 1 kΩ (see figure 2)
ton
9.0
µs
Turn-off time
VS = 5 V, IC = 10 mA, RL = 1 kΩ (see figure 2)
toff
18.0
µs
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - CNY74-4H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY74-4H VISHAY-CNY74-4H Datasheet
198Kb / 9P
   Multichannel Optocoupler with Phototransistor Output
Rev. A2, 19-Ju-99
More results

Similar Description - CNY74-4H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY74-2H VISHAY-CNY74-2H Datasheet
198Kb / 9P
   Multichannel Optocoupler with Phototransistor Output
Rev. A2, 19-Ju-99
logo
TEMIC Semiconductors
CNY74-2 TEMIC-CNY74-2 Datasheet
77Kb / 6P
   Multichannel Optocoupler with Phototransistor Output
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com