Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY75GC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY75GC
Description  Optocoupler, Phototransistor Output,with Base Connection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75GC Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY75GC Datasheet HTML 1Page - Vishay Siliconix CNY75GC Datasheet HTML 2Page - Vishay Siliconix CNY75GC Datasheet HTML 3Page - Vishay Siliconix CNY75GC Datasheet HTML 4Page - Vishay Siliconix CNY75GC Datasheet HTML 5Page - Vishay Siliconix CNY75GC Datasheet HTML 6Page - Vishay Siliconix CNY75GC Datasheet HTML 7Page - Vishay Siliconix CNY75GC Datasheet HTML 8Page - Vishay Siliconix CNY75GC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83536
258
Rev. 1.7, 08-May-08
CNY75A/B/C/GA/GB/GC
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Total Power Dissipation vs. Ambient Temperature
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 6 - Collector Dark Current vs. Ambient Temperature
Fig. 7 - Collector Base Current vs. Forward Current
Fig. 8 - Collector Current vs. Forward Current
0
50
100
150
200
250
300
040
80
120
T
amb - Ambient Temperature (°C)
96 11700
Coupled device
Phototransistor
IR-diode
0.1
1
10
100
1000
0
V
F - Forward Voltage (V)
96 11862
1.6
0.2
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.8
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10
0 10 20 30 40 50 60 70 80
Tamb - Ambient Temperature (°C)
96 11918
VCE = 5 V
IF = 10 mA
025
50
75
1
10
100
1000
10000
Tamb - Ambient Temperature (°C)
100
95 11038
VCE = 30 V
IF = 0
110
0.001
0.01
0.1
1
IF - Forward Current (mA)
100
95 11039
VCB = 5 V
0.1
1
10
0.01
0.1
1
100
IF - Forward Current (mA)
100
95 11040
10
VCE = 5 V


Similar Part No. - CNY75GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75GC VISHAY-CNY75GC Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
CNY75GC1 VISHAY-CNY75GC1 Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results

Similar Description - CNY75GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com