Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5509DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5509DC
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5509DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5509DC Datasheet HTML 1Page - Vishay Siliconix SI5509DC Datasheet HTML 2Page - Vishay Siliconix SI5509DC Datasheet HTML 3Page - Vishay Siliconix SI5509DC Datasheet HTML 4Page - Vishay Siliconix SI5509DC Datasheet HTML 5Page - Vishay Siliconix SI5509DC Datasheet HTML 6Page - Vishay Siliconix SI5509DC Datasheet HTML 7Page - Vishay Siliconix SI5509DC Datasheet HTML 8Page - Vishay Siliconix SI5509DC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Si5509DC
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73629
S–60417—Rev. A, 20-Mar-06
SPECIFICATIONS (TJ = 25 _C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Drain Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 mA
N-Ch
20
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = –250 mA
P-Ch
–20
VDS Temperature Coefficient
DVDS/TJ
ID = 250 mA
N-Ch
18.4
mV/
_C
VDS Temperature Coefficient
DVDS/TJ
ID = –250 mA
P-Ch
–15.1
mV/
_C
VGS( h) Temperature Coefficient
DVGS( h)/TJ
ID = 250 mA
N-Ch
–3.4
VGS(th) Temperature Coefficient
DVGS(th)/TJ
ID = –250 mA
P-Ch
2.2
Gate Threshold Voltage
VGS( h)
VDS = VGS, ID = 250 mA
N-Ch
0.7
2
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
NCh
P-Ch
–0.7
–2
V
Gate Body Leakage
IGSS
VDS =0V VGS = "12 V
N-Ch
100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
NCh
P-Ch
–100
nA
VDS = 20 V, VGS = 0 V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V
NCh
P-Ch
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55 _C
N-Ch
10
mA
VDS = –20 V, VGS = 0 V, TJ = 55 _C
NCh
P-Ch
–10
On State Drain Currentb
ID( )
VDS v 5 V, VGS = 4.5 V
N-Ch
10
A
On-State Drain Currentb
ID(on)
VDS v –5 V, VGS = –4.5 V
NCh
P-Ch
–15
A
VGS = 4.5 V, ID = 5.0 A
N-Ch
0.043
0.052
Drain Source On State Resistanceb
rDS( )
VGS = –4.5 V, ID = –3.9 A
NCh
P-Ch
0.074
0.090
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 2.5 V, ID = 3.9 A
N-Ch
0.068
0.084
W
VGS = –2.5 V, ID = –2.9 A
NCh
P-Ch
0.128
0.160
Forward Transconductanceb
gf
VDS = 10 V, ID = 5.0 A
N-Ch
10.4
S
Forward Transconductanceb
gfs
VDS = –10 V, ID = –3.9 A
NCh
P-Ch
8.2
S
Dynamica
Input Capacitance
Ci
N-Ch
455
Input Capacitance
Ciss
N-Channel
P-CH
300
Output Capacitance
C
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
N-Ch
85
pF
Output Capacitance
Coss
P-Channel
NCh
P-Ch
95
pF
Reverse Transfer Capacitance
C
P Channel
VDS = –10 V, VGS = 0 V, f = 1 MHz
N-Ch
50
Reverse Transfer Capacitance
Crss
NCh
P-Ch
65
VDS = 10 V, VGS = 5 V, ID = 4.0 A
N-Ch
4.4
6.6
Total Gate Charge
Q
VDS = –10 V, VGS = –5 V, ID = –3.9 A
P-Ch
4.1
6.2
Total Gate Charge
Qg
N-Ch
3.8
5.7
N-Channel
NCh
P-Ch
3.9
5.9
nC
Gate Source Charge
Q
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 4.0 A
N-Ch
0.9
nC
Gate-Source Charge
Qgs
P-Channel
NCh
P-Ch
0.7
Gate Drain Charge
Q d
P Channel
VDS = –10 V, VGS = –4.5 V, ID = –3.9 A
N-Ch
0.95
Gate-Drain Charge
Qgd
NCh
P-Ch
1.25
Gate Resistance
R
f=1MHz
N-Ch
1.9
W
Gate Resistance
Rg
f = 1 MHz
NCh
P-Ch
8
W


Similar Part No. - SI5509DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5509DC VISHAY-SI5509DC Datasheet
356Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5509DC VISHAY-SI5509DC Datasheet
161Kb / 12P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5509DC VISHAY-SI5509DC_V01 Datasheet
161Kb / 12P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5509DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com