Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5511DC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5511DC
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5511DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5511DC Datasheet HTML 1Page - Vishay Siliconix SI5511DC Datasheet HTML 2Page - Vishay Siliconix SI5511DC Datasheet HTML 3Page - Vishay Siliconix SI5511DC Datasheet HTML 4Page - Vishay Siliconix SI5511DC Datasheet HTML 5Page - Vishay Siliconix SI5511DC Datasheet HTML 6Page - Vishay Siliconix SI5511DC Datasheet HTML 7Page - Vishay Siliconix SI5511DC Datasheet HTML 8Page - Vishay Siliconix SI5511DC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si5511DC
Document Number: 73787
S-72204-Rev. B, 22-Oct-07
www.vishay.com
1
N- and P-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFETs
APPLICATIONS
Buck-Boost
- DSC
- Portable Devices
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
Qg (Typ)
N-Channel
30
0.055 at VGS = 4.5 V
4a,g
4.2 nC
0.090 at VGS = 2.5 V
4a,g
P-Channel
- 30
0.150 at VGS = - 4.5 V
- 3.6a
2.85 nC
0.256 at VGS = - 2.5 V
- 2.7a
Ordering Information: Si5511DC-T1-E3 (Lead (Pb)-free)
Marking Code
EE
XXX
Lot Traceability
and Date Code
Part # Code
Bottom View
S1
G1
S2
G2
D1
D1
D2
D2
1
1206-8 Chip-FET ®
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 s
d. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequade
bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 110 °C/W for N-Channel and 130 °C/W for P-Channel.
g. Package limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
- 30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4a, g
- 3.6a
A
TC = 70 °C
4a, g
- 2.8a
TA = 25 °C
4a, g
- 2.3b, c
TA = 70 °C
3.9a
- 1.8b, c
Pulsed Drain Current
IDM
15
- 10
Source Drain Current Diode Current
TC = 25 °C
IS
2.6
- 2.6
TA = 25 °C
1.7b, c
- 1.7b, c
Maximum Power Dissipation
TC = 25 °C
PD
3.1
2.6
W
TC = 70 °C
2.0
1.7
TA = 25 °C
2.1b, c
1.3b, c
TA = 70 °C
1.33b, c
0.84b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ
Max
Typ
Max
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
50
60
77
95
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
33
40
RoHS
COMPLIANT


Similar Part No. - SI5511DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5511DC VISHAY-SI5511DC Datasheet
163Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5511DC VISHAY-SI5511DC_V01 Datasheet
163Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI5511DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com