Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW17N Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPW17N
Description  Silicon NPN Phototransistor,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW17N Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW17N_08 Datasheet HTML 1Page - Vishay Siliconix BPW17N_08 Datasheet HTML 2Page - Vishay Siliconix BPW17N_08 Datasheet HTML 3Page - Vishay Siliconix BPW17N_08 Datasheet HTML 4Page - Vishay Siliconix BPW17N_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 81516
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 1.7, 08-Sep-08
371
BPW17N
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Collector Current vs. Ambient Temperature
020
40
60
80
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
100
94 8308
R
thJA = 450 K/W
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 1 mA
V(BR)CEO
32
V
Collector emitter dark current
VCE = 20 V, E = 0
ICEO
1
200
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
8pF
Collector light current
Ee = 1 mW/cm2, λ = 950 nm,
VCE = 5 V
Ica
0.5
1.0
mA
Angle of half sensitivity
ϕ
± 12
deg
Wavelength of peak sensitivity
λ
p
825
nm
Range of spectral bandwidth
λ
0.1
450 to 1040
nm
Collector emitter saturation voltage
Ee = 1 mW/cm2, λ = 950 nm,
IC = 0.1 mA
VCEsat
0.3
V
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 Ω
ton
4.8
µs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 Ω
toff
5.0
µs
Cut-off frequency
VS = 5 V, IC = 5 mA, RL = 100 Ω
fc
120
kHz
94 8235
20
100
40
60
80
T
amb - Ambient Temperature (°C)
100
101
102
103
104
V
CE = 20 V
0
0.6
0.8
1.0
1.2
1.4
2.0
20
40
60
80
100
1.6
1.8
λ
94 8239
T
amb - Ambient Temperature (°C)
V
CE = 5 V
E
e = 1 mW/cm
2
= 950 nm


Similar Part No. - BPW17N_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
More results

Similar Description - BPW17N_08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com