Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1808Y223KFLAC5Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ1808Y223KFLAC5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1808Y223KFLAC5Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ1808Y223KFLAC5Z Datasheet HTML 1Page - Vishay Siliconix VJ1808Y223KFLAC5Z Datasheet HTML 2Page - Vishay Siliconix VJ1808Y223KFLAC5Z Datasheet HTML 3Page - Vishay Siliconix VJ1808Y223KFLAC5Z Datasheet HTML 4Page - Vishay Siliconix VJ1808Y223KFLAC5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45057
114
Revision: 11-Aug-08
VJ HVArc Guard® X7R
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
Prohibit Surface Arc-over in High Voltage Applications
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process code with 2 digits has to be added
• Polymer plus terminations, “B” termination part number code length dimensions positive tolerances (including band width) above are allowed
to increase by the following amounts:
1206 and smaller case sizes: Length 0.002" ( 0.05 mm)
1210 and larger case sizes: Length 0.004" (0.1 mm)
Notes: See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
• Available in plastic carrier tape only
•• Only available in paper carrier tape
ORDERING INFORMATION
VJ1812
Y
102
J
X
P
A
T
5Z
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE (2)
0805
1206
1210
1808
1812
Y = X7R
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
Examples:
223 = 22 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin plated
F = AgPd
B = Polymer
100 % tin plated
matte finish
P = 250 V
E = 500 V
L = 630 V
G = 1000 V
A =
Unmarked
C = 7" reel/ paper tape
T = 7" reel/ plastic tape
P = 11 1/4" reel/ paper tape
R = 11 1/4" reel/ plastic tape
5Z =
HVArc
Guard®
HVARC GUARD® X7R CAPACITANCE RANGE
EIA CODE
0805
1206
1210
1808
1812
VOLTAGE (Vdc)
630
1000
250
500
630
1000
250
500
630
1000
250
500
630
1000
250
500
630
1000
VOLTAGE CODE
LG
P
E
L
G
P
E
L
G
P
E
L
G
P
E
L
G
CAP. CODE
CAP.
101
100 pF
••
••
121
120 pF
••
••
151
150 pF
••
••
181
180 pF
••
••
221
220 pF
••
••
271
270 pF
••
••
331
330 pF
••
••
391
390 pF
••
••
471
470 pF
••
••
561
560 pF
••
••
681
680 pF
••
••
821
820 pF
••
••
102
1000 pF
••
••
122
1200 pF
••
••
152
1500 pF
••
182
1800 pF
••
222
2200 pF
••
272
2700 pF
••
332
3300 pF
••
392
3900 pF
••
472
4700 pF
••
562
5600 pF
••
682
6800 pF
••
822
8200 pF
••
103
0.01 µF
••
123
0.012 µF
••
153
0.015 µF
••
183
0.018 µF
••
223
0.022 µF
••
273
0.027 µF
••
333
0.033 µF
••
393
0.039 µF
••
473
0.047 µF
••
563
0.056 µF
••
683
0.068 µF
••
823
0.082 µF
••
104
0.10 µF
••
124
0.12 µF
154
0.15 µF
184
0.18 µF
224
0.22 µF
274
0.27 µF
334
0.33 µF


Similar Part No. - VJ1808Y223KFLAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1808Y223KXEAT5Z VISHAY-VJ1808Y223KXEAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
More results

Similar Description - VJ1808Y223KFLAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805 VISHAY-VJ0805 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com