Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300144TR2TCR2TBB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 300144TR2TCR2TBB
Description  High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300144TR2TCR2TBB Datasheet(HTML) 3 Page - Vishay Siliconix

  300144TR2TCR2TBB Datasheet HTML 1Page - Vishay Siliconix 300144TR2TCR2TBB Datasheet HTML 2Page - Vishay Siliconix 300144TR2TCR2TBB Datasheet HTML 3Page - Vishay Siliconix 300144TR2TCR2TBB Datasheet HTML 4Page - Vishay Siliconix 300144TR2TCR2TBB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63045
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 21-Nov-07
3
300144, 300145
High Precision Voltage Divider Resistors
with TCR Tracking to 0.5 ppm/°C and
Tolerance Match to 0.005 % (50 ppm)
Vishay Foil Resistors
Note
* For non-standard requests, please contact application engineering.
TABLE 2 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0006V0058QT9L (preferred part number format)
DENOTES PRECISION
VCODE
TOLERANCE MATCH
PACKAGING
Y
RESISTANCE
VALUE CODE
V = 0.005 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1.0 %
L = bulk pack
PRODUCT CODE
RESISTANCE TOLERANCE
AER*
0006 = 300144
0035 = 300145
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0006 V0058 Q T 9 L:
TYPE: 300144
VALUES: 2K/20K
ABSOLUTE TOLERANCE: ± 0.02 %
TOLERANCE MATCH: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: 300144T 2K/20K TCR2 Q T B (will continue to be used)
300144
T
2K/20K
TCR2
Q
T
B
MODEL
TERMINATION
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
TOLERANCE
MATCH
PACKAGING
300144
300145
T = lead (Pb)-free
None = tin/lead alloy
R1 = 2 kΩ
R2 = 20 kΩ
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
V = 0.005 %
T = 0.01 %
Q = 0.02 %
A = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1.0 %
B = bulk pack
006
V
058
0
Y0
T9
Q
L


Similar Part No. - 300144TR2TCR2TBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2AAB VISHAY-300144ZTR1TCR0.2AAB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2ABB VISHAY-300144ZTR1TCR0.2ABB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2ADB VISHAY-300144ZTR1TCR0.2ADB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
More results

Similar Description - 300144TR2TCR2TBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com