Electronic Components Datasheet Search |
|
CT79826X0063B2 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
CT79826X0063B2 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 10 page Document Number: 40053 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 29-Jun-07 51 735D, 735DE, CT79 (CECC 30202) Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved Vishay STANDARD RATINGS to mil range CLR79 CAPACITANCE (µF) CASE CODE PART NUMBER MAX. ESR at + 25 °C 120 Hz ( Ω) MAX. IMP. at - 55 °C ( Ω) MAX. DCL IN (µA) at MAX. CAP. CHANGE (%) at MAX. RMS RIPPLE CURRENT 40 kHz (mA) + 25 °C + 85 °C + 125 °C - 55 °C + 85 °C + 125 °C 6 VDC at + 85 °C, 4V at + 125 °C, 3 VDC at + 200 °C 30 A 735D306X0006A2 4.0 l00 0.75 1.5 - 40 + 12 + 12 820 68 A 735D686X0006A2 2.9 60 0.75 1.5 - 40 + 16 + 16 960 140 B 735D147X0006B2 2.2 40 1.0 3.0 - 40 + 16 + 16 1200 160 A 735D167X0006A2 4.0 80 1.5 3.0 - 42 + 16 + 16 820 270 B 735D277X0006B2 2.0 25 1.0 2.0 - 44 + 20 + 20 1375 330 C 735D337X0006C2 1.4 20 2.0 6.0 - 44 + 16 + 16 1800 560 B 735D567X0006B2 2.4 48 2.0 10 - 68 + 20 + 20 1255 560 C 735D567X0006C2 1.3 25 2.0 6.0 - 64 + 20 + 20 1900 1200 D 735D128X0006D2 0.9 20 3.0 12 - 80 + 25 + 25 2388 1500 C 735D158X0006C2 1.8 36 3.0 15 - 84 + 25 + 25 1615 2200 D 735D228X0006D2 1.0 22 4.0 15 - 86 + 25 + 25 2265 8 VDC at + 85 °C, 5 VDC at + 125 °C, 4 VDC at + 200 °C 25 A 735D256X0008A2 4.0 100 0.75 1.5 - 40 + 12 + 12 820 56 A 735D566X0008A2 3.3 59 0.75 1.5 - 40 + 16 + 16 900 120 A 735D127X0008A2 4.0 80 1.0 2.0 - 44 + 20 + 16 820 120 B 735D127X0008B2 2.6 50 1.0 2.0 - 44 + 20 + 16 1230 220 B 735D227X0008B2 2.4 30 1.0 2.0 - 44 + 18 + 20 1300 290 C 735D297X0008C2 1.8 25 2.0 6.0 - 64 + 20 + 16 1745 430 B 735D437X0008B2 2.6 54 2.0 10 - 64 + 20 + 20 1230 430 C 735D437X0008C2 1.4 25 2.0 6.0 - 64 + 20 + 20 1825 850 D 735D857X0008D2 1.0 22 3.0 12 - 80 + 25 + 25 2456 10 VDC at + 85 °C, 7 VDC at + 125 °C, 5 VDC at + 200 °C 20 A 735D206X0010A2 4.0 175 0.75 1.5 - 32 + 12 + 12 820 100 B 735D107X0010B2 2.4 60 1.0 2.0 - 35 + 16 + 16 1200 250 C 735D257X0010C2 1.8 30 2.0 6.0 - 40 + 16 + 16 1720 300 B 735D307X0010B2 2.6 52 2.0 5.0 - 54 + 18 + 18 1195 350 B 735D357X0010B2 2.6 52 2.0 5.0 - 60 + 18 + 18 1195 390 C 735D397X0010C2 1.5 25 2.0 6.0 - 64 + 20 + 20 1800 750 D 735D757X0010D2 0.9 22 3.0 12 - 80 + 25 + 25 2487 850 C 735D857X0010C2 1.8 36 3.0 12 - 84 + 25 + 25 1720 15 VDC at + 85 °C, 10 VDC at + 125 °C, 7 VDC at + 200 °C 15 A 735D156X0015A2 4.4 155 0.75 1.5 - 24 + 12 + 12 780 33 A 735D336X0015A2 4.0 90 0.75 1.5 - 28 + 16 + 16 820 47 A 735D476X0015A2 4.7 100 1.0 2.0 - 28 + 16 + 16 760 56 A 735D566X0015A2 4.7 l00 1.0 2.0 - 28 + 16 + 16 760 70 B 735D706X0015B2 2.8 75 1.0 2.0 - 28 + 16 + 16 1150 120 B 735D127X0015B2 2.6 50 1.0 2.0 - 28 + 16 + 16 1230 170 C 735D177X0015C2 2.4 35 2.0 6.0 - 32 + 16 + 16 1480 220 B 735D227X0015B2 2.8 62 2.0 5.0 - 35 + 16 + 16 1215 270 B 735D277X0015B2 2.8 60 2.0 5.0 - 45 + 18 + 18 1215 270 C 735D277X0015C2 2.2 30 2.0 6.0 - 56 + 20 + 20 1709 290 B 735D297X0015B2 2 8 65 2.0 5.0 - 54 + 18 + 18 1215 540 D 735D547X0015D2 1.0 23 3.0 12 - 80 + 25 + 25 2300 750 C 735D757X0015C2 2.1 42 3.0 15 - 80 + 25 + 25 1582 850 D 735D857X0015D2 1.0 24 4.0 15 - 80 + 25 + 25 2300 1200 D 735Dl28X0015D2 1.0 25 4.0 15 - 84 + 25 + 25 2300 |
Similar Part No. - CT79826X0063B2 |
|
Similar Description - CT79826X0063B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |