Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1825X102JXXMT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ1825X102JXXMT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1825X102JXXMT Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ1825X102JXXMT Datasheet HTML 1Page - Vishay Siliconix VJ1825X102JXXMT Datasheet HTML 2Page - Vishay Siliconix VJ1825X102JXXMT Datasheet HTML 3Page - Vishay Siliconix VJ1825X102JXXMT Datasheet HTML 4Page - Vishay Siliconix VJ1825X102JXXMT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45005
54
Revision: 20-Oct-08
VJ BX Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for TCC Critical Applications
Not for New Designs
Product Discontinuation
BX DIELECTRIC - TYPICAL PARAMETERS
15
5
- 15
- 20
- 10
- 5
10
0
BX WITH BIAS
50 V RATED
BX NO BIAS
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE °C
- 75
- 50
- 25
0
25
50
75
100
125
2
0
- 6
- 8
- 4
- 10
- 12
- 2
25 V
RATED
50 V
RATED
100 V
RATED
VOLTAGE COEFFICIENT OF CAPACITANCE - BX
0
10
20
30
40
50
60
70
80
90
100
DC VOLTS APPLIED
10
25
100 125
10 000
1000
100
10
MINIMUM INSULATION
RESITANCE VS. TEMPERATURE
TEMPERATURE °C
- 75
- 50
- 25
0
2 5
5 0
7 5
100
125
0.0
BX
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE °C
HOURS
AGING RATE - BX
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0
1
10
100
1000
10 000


Similar Part No. - VJ1825X102JXXMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1825 VISHAY-VJ1825 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825 VISHAY-VJ1825 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1825 VISHAY-VJ1825 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1825 VISHAY-VJ1825 Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJ1825 VISHAY-VJ1825 Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
More results

Similar Description - VJ1825X102JXXMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com