Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT21M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BRT21M
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT21M Datasheet(HTML) 4 Page - Vishay Siliconix

  BRT21M Datasheet HTML 1Page - Vishay Siliconix BRT21M Datasheet HTML 2Page - Vishay Siliconix BRT21M Datasheet HTML 3Page - Vishay Siliconix BRT21M Datasheet HTML 4Page - Vishay Siliconix BRT21M Datasheet HTML 5Page - Vishay Siliconix BRT21M Datasheet HTML 6Page - Vishay Siliconix BRT21M Datasheet HTML 7Page - Vishay Siliconix BRT21M Datasheet HTML 8Page - Vishay Siliconix BRT21M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocouplers.answers@vishay.com
Document Number: 83690
196
Rev. 1.5, 07-May-08
BRT21/BRT22/BRT23
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
POWER FACTOR CONSIDERATIONS
A snubber is not needed to eliminate false operation of the
TRIAC driver because of the high static and commutating
dV/dt with loads between 1.0 and 0.8 power factors. When
inductive loads with power factors less than 0.8 are being
driven, include a RC snubber or a single capacitor directly
across the device to damp the peak commutating dV/dt
spike. Normally a commutating dV/dt causes a turning-off
device to stay on due to the stored energy remaining in the
turning-off device.
But in the case of a zero voltage crossing optotriac, the
commutating dV/dt spikes can inhibit one half of the TRIAC
from turning on. If the spike potential exceeds the inhibit
voltage of the zero cross detection circuit, half of the TRIAC
will be heldoff and not turn-on. This hold-off condition can be
eliminated by using a snubber or capacitor placed directly
across the optotriac as shown in Figure 1. Note that the value
of the capacitor increases as a function of the load current.
The hold-off condition also can be eliminated by providing a
higher level of LED drive current. The higher LED drive
provides
a
larger
photocurrent
which
causes
the
phototransistor to turn-on before the commutating spike has
activated the zero cross network. Figure 2 shows the
relationship of the LED drive for power factors of less than
1.0. The curve shows that if a device requires 1.5 mA for a
resistive load, then 1.8 times 2.7 mA) that amount would be
required to control an inductive load whose power factor is
less than 0.3.
Fig. 1 - Shunt Capacitance vs. Load Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
40/100/21
Comparative tracking index
CTI
175
399
VIOTM
6000
V
VIORM
630
V
PSO
200
mW
ISI
400
mA
TSI
175
°C
Creepage distance
standard DIP-6
7
mm
Clearance distance
standard DIP-6
7
mm
Creepage distance
400 mil DIP-6
8
mm
Clearance distance
400 mil DIP-6
8
mm
iil410_01
400
350
300
250
200
150
100
50
0
0.001
0.01
0.1
1
IL - Load Current (mA) (RMS)
Cs (µF) = 0.0032 (µF)*10^0.0066 IL (mA)
Ta = 25 °C, PF = 0.3
IF = 2.0 mA


Similar Part No. - BRT21M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21M VISHAY-BRT21M Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21M-X006 VISHAY-BRT21M-X006 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results

Similar Description - BRT21M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com