Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT22M Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BRT22M
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT22M Datasheet(HTML) 6 Page - Vishay Siliconix

  BRT22M Datasheet HTML 1Page - Vishay Siliconix BRT22M Datasheet HTML 2Page - Vishay Siliconix BRT22M Datasheet HTML 3Page - Vishay Siliconix BRT22M Datasheet HTML 4Page - Vishay Siliconix BRT22M Datasheet HTML 5Page - Vishay Siliconix BRT22M Datasheet HTML 6Page - Vishay Siliconix BRT22M Datasheet HTML 7Page - Vishay Siliconix BRT22M Datasheet HTML 8Page - Vishay Siliconix BRT22M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocouplers.answers@vishay.com
Document Number: 83690
198
Rev. 1.5, 07-May-08
BRT21/BRT22/BRT23
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing
Fig. 8 - Current Reduction
Fig. 9 - Typical Trigger Delay Time
Fig. 10 - Typical Inhibit Current
Fig. 11 - Power Dissipation 40 to 60 Hz Line Operation
Fig. 12 - Typical Static Inhibit Voltage Limit
Fig. 13 - 1- Apply a Capacitor to the Supply Pins at the Load-Side
400
300
200
100
0
50
60
70
80
90
100
iil410_08
TPIN5 (°C)
ITRMS = f(TPIN5), RthJ-PIN5 = 16.5 K/W
Thermocouple measurement must
be performed potentially separated
to A1 and A2. Measuring junction
as near as possible at the case.
iil410_09
tgd = f (IFIFT 25 °C), VD = 200 V
f = 40 to 60 Hz, Parameter: Tj
103
102
101
5
100
5
101
5
102
IF/IFT25 °C
Tj = 25 °C
100 °C
iil410_10
IDINH = f (IF/IFT 25 °C),
VD = 600 V, Parameter: Tj
103
102
100
5
0
2
4
6
8
10 12 14 16 18 20
IF/IFT25 °C
101
5
Tj = 25 °C
100 °C
0.6
0.4
0.5
0.3
0.2
0.1
0
0
100
200
300
iil410_11
ITRMS (mA)
40 to 60 Hz
Line operation,
Ptot = f(ITRMS)
12
10
8
6
4
100
55
102
101
iil410_12
V
IF/IFT25 °C
VDINH min = f (IF/IFT25°C),
parameter: Tj
Device zero voltage
switch can be triggered
only in hatched are
below Tj curves.
Tj = 25 °C
100 °C
iil410_13
0.1 µF
220 V~
1
2
3
6
5
4


Similar Part No. - BRT22M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT22M SIEMENS-BRT22M Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT22M VISHAY-BRT22M Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT22M-X006 VISHAY-BRT22M-X006 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results

Similar Description - BRT22M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com