Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT21H-X006 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BRT21H-X006
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT21H-X006 Datasheet(HTML) 1 Page - Vishay Siliconix

  BRT21H-X006 Datasheet HTML 1Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 2Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 3Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 4Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 5Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 6Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 7Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 8Page - Vishay Siliconix BRT21H-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83690
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
193
Optocoupler, Phototriac Output,
Zero Crossing
BRT21/BRT22/BRT23
Vishay Semiconductors
DESCRIPTION
The BRT21, BRT22, BRT23 product family consists of AC
switch optocouplers with zero voltage detectors with two
electrically insulated lateral power ICs which integrate a
thyrister system, a photo detector and noise suppression at
the output and an IR GaAs diode input.
High input sensitivity is achieved by using an emitter follower
phototransistor and a SCR predriver resulting in an LED
trigger current of less than 2 mA or 3 mA (DC). Inverse
parallel SCRs provide commutating dV/dt greater than
10 kV/µs.
The zero cross line voltage detection circuit consists of two
MOSFETS and a photodiode.
The BRT21/22/23 product family isolates low-voltage logic
from 120, 230, and 380 VAC lines to control resistive,
inductive or capacitive loads including motors, solenoids,
high current thyristers or TRIAC and relays.
FEATURES
• High input sensitivity IFT = 1.0 mA
•ITRMS = 300 mA
• High static dV/dt 10 000 V/µs
• Electrically insulated between input and output
circuit
• Microcomputer compatible
• Trigger current
- (IFT < 1.2 mA) BRT22F, BRT23F,
- (IFT < 2 mA) BRT21H, BRT22H, BRT23H
- (IFT < 3 mA) BRT21M, BRT22M, BRT23M
• Available surface mount and on on tape and reel
• Zero voltage crossing detector
• UL file E52744 system code J
• DIN EN 60747-5-5 available with option 1
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Industrial controls
• Office equipment
• Consumer appliances
Note
For additional information on the available options refer to option information.
17223
1
2
3
6
5
4
MT2
MT1
A
C
NC
*Zero Crossing Circuit
ZCC*
NC
ORDER INFORMATION
PART
REMARKS
BRT21H
VDRM ≤ 400 V, DIP-6, IFT = 2.0 mA
BRT21M
VDRM ≤ 400 V, DIP-6, IFT = 3.0 mA
BRT22F
VDRM ≤ 600 V, DIP-6, IFT = 1.2 mA
BRT22H
VDRM ≤ 600 V, DIP-6, IFT = 2.0 mA
BRT22M
VDRM ≤ 600 V, DIP-6, IFT = 3.0 mA
BRT23F
VDRM ≤ 800 V, DIP-6, IFT = 1.2 mA
BRT23H
VDRM ≤ 800 V, DIP-6, IFT = 2.0 mA
BRT23M
VDRM ≤ 800 V, DIP-6, IFT = 3.0 mA
BRT21H-X006
VDRM ≤ 400 V, DIP-6 400 mil (option 6), IFT = 2.0 mA
BRT21H-X007
VDRM ≤ 400 V, SMD-6 (option 7), IFT = 2.0 mA
BRT21M-X006
VDRM ≤ 400 V, DIP-6 400 mil (option 6), IFT = 3.0 mA
BRT22F-X006
VDRM ≤ 600 V, SMD-6 (option 7), IFT = 1.2 mA
BRT22H-X007
VDRM ≤ 600 V, SMD-6 (option 7), IFT = 2.0 mA
BRT22M-X006
VDRM ≤ 600 V, DIP-6 400 mil (option 6), IFT = 3.0 mA
BRT23F-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), IFT = 1.2 mA
BRT23F-X007
VDRM ≤ 800 V, DIP-6 400 mil (option 6), IFT = 1.2 mA
BRT23H-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), IFT = 2.0 mA
BRT23H-X007
VDRM ≤ 800 V, SMD-6 (option 7), IFT = 2.0 mA
BRT23M-X006
VDRM ≤ 800 V, DIP-6 400 mil (option 6), IFT = 3.0 mA
BRT23M-X007
VDRM ≤ 800 V, SMD-6 (option 7), IFT = 3.0 mA


Similar Part No. - BRT21H-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21H-X006 VISHAY-BRT21H-X006 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results

Similar Description - BRT21H-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com