Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1825X102JFXAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ1825X102JFXAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1825X102JFXAC Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ1825X102JFXAC Datasheet HTML 1Page - Vishay Siliconix VJ1825X102JFXAC Datasheet HTML 2Page - Vishay Siliconix VJ1825X102JFXAC Datasheet HTML 3Page - Vishay Siliconix VJ1825X102JFXAC Datasheet HTML 4Page - Vishay Siliconix VJ1825X102JFXAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45005
52
Revision: 20-Oct-08
VJ BX Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for TCC Critical Applications
Not for New Designs
Product Discontinuation
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process Code may be added with up to three digits, used to control non-standard products and/or special requirements
DIMENSIONS in inches [millimeters]
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION (P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002
[1.00 + 0.10/- 0.05]
0.020 + 0.004/- 0.002
[0.50 + 0.10/- 0.05]
0.024
[0.60]
0.004
[0.10]
0.016
[0.41]
0603
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.036
[0.92]
0.012
[0.30]
0.018
[0.46]
0805
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.057
[1.45]
0.010
[0.25]
0.028
[0.71]
1206
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
1210
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
-
VJ1808
0.177 ± 0.010
[4.50 ± 0.25]
0.080 ± 0.010
[2.03 ± 0.25]
0.067
[1.70]
0.010
[0.25]
0.030
[0.76]
1812
VJ1812
0.177 ± 0.010
[4.50 ± 0.25]
0.126 ± 0.008
[3.20 ± 0.20]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
1825
VJ1825
0.177 ± 0.010
[4.50 ± 0.25]
0.252 ± 0.010
[6.40 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-
VJ2220
0.220 ± 0.008
[5.59 ± 0.20]
0.200 ± 0.010
[5.08 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-
VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
L
W
T
MAX.
P
ORDERING INFORMATION
VJ0805
X
102
KX
A
A
C
### (2)
CASE
SIZE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
X = BX
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Example:
102 = 1000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin plated
F = AgPd
X = 25 V
A = 50 V
B = 100 V
A = Unmarked
M= Marked
Note: Marking is
only available for
0805 and 1206
on request
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
O = 7" reel/flamed paper tape
I = 11 1/4"/13" reel/flamed paper tape
Note: “I” and “O” is used for
“F” termination


Similar Part No. - VJ1825X102JFXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1825 VISHAY-VJ1825 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1825 VISHAY-VJ1825 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1825 VISHAY-VJ1825 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1825 VISHAY-VJ1825 Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJ1825 VISHAY-VJ1825 Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
More results

Similar Description - VJ1825X102JFXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com