Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT22M-X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BRT22M-X006
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT22M-X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  BRT22M-X006 Datasheet HTML 1Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 2Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 3Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 4Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 5Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 6Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 7Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 8Page - Vishay Siliconix BRT22M-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 83690
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
197
BRT21/BRT22/BRT23
Optocoupler, Phototriac Output,
Zero Crossing
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 2 - Normalized LED Trigger Current vs. Power Factor
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Peak LED Current vs. Duty Factor, Tau
Fig. 5 - Maximum LED Power Dissipation
Fig. 6 - Typical Output Characteristics
Fig. 7 - Current Reduction
iil410_02
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PF - Power Factor
IFth Normalized to IFth at PF = 1.0
Ta = 25 °C
iil410_03
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current (mA)
Ta = - 55 °C
Ta = 25 °C
Ta = 85 °C
iil410_04
10-6
10-5 10-4 10-3 10-2 10-1 100
101
10
100
1000
10000
t - LED Pulse Duration (s)
0.005
0.05
0.02
0.01
0.1
0.2
0.5
Duty Factor
t
τ
DF = /t
τ
iil410_05
100
80
60
40
20
0
- 20
- 40
- 60
0
50
100
150
Ta - Ambient Temperature (°C)
103
102
101
5
5
5
100
01
2
4
3
iil410_06
IT = f(VT),
Parameter: Tj
Tj = 25 °C
100 °C
VT (V)
400
300
200
100
0
020
40
60
80
100
iil410_07
TA (°C)
ITRMS = f(VT),
RthJA = 150 K/W
Device switch
soldered in pcb
or base plate.


Similar Part No. - BRT22M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT22M-X006 VISHAY-BRT22M-X006 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results

Similar Description - BRT22M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com