Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8138A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8138A
Description  5.1V 12V REGULATOR WITH DISABLE AND RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8138A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8138A Datasheet HTML 1Page - STMicroelectronics TDA8138A Datasheet HTML 2Page - STMicroelectronics TDA8138A Datasheet HTML 3Page - STMicroelectronics TDA8138A Datasheet HTML 4Page - STMicroelectronics TDA8138A Datasheet HTML 5Page - STMicroelectronics TDA8138A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
OUT 1
REG
REF
2.5V
-
+
50
a
+
-
3
Ce
2.5V 0.6V
6
b
RESET
10
µA
Figure 1
RESET
∆Vout LOW
5.1V
4.9V
4.85V
TD
TD
Figure 2
6
3
9
8
4
5
2
1
TDA8138
RESET
Ce
0.1
µF
C1
C2
C3
C4
DISABLE
C1 to C4 = 10
µF
V IN1
V IN2
V O1
V O2
TYPICAL APPLICATION (SIP9 package)
TDA8138
4/6


Similar Part No. - TDA8138A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
   5.1V 12V DISABLE VOLTAGE REGULATOR
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
   5.1V 8V REGULATOR WITH DISABLE AND RESET
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
185Kb / 14P
   5.1 V and 8 V dual voltage regulator with disable and reset functions
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
More results

Similar Description - TDA8138A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
   5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
   5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
   5.1V 8V REGULATOR WITH DISABLE AND RESET
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
   DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
   5.1V 12V DISABLE VOLTAGE REGULATOR
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
   5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
logo
Integral Corp.
ILA8133A INTEGRAL-ILA8133A Datasheet
93Kb / 2P
   5.1V 8V REGULATOR WITH DISABLE
logo
STMicroelectronics
TDA8136 STMICROELECTRONICS-TDA8136 Datasheet
135Kb / 5P
   DUAL 12V REGULATOR WITH DISABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com