Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5920DC-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5920DC-T1-E3
Description  Dual N-Channel 1.5-V (G-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5920DC-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5920DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5920DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si5920DC
New Product
Document Number: 73490
S-70914-Rev. C, 07-May-07
www.vishay.com
1
Dual N-Channel 1.5-V (G-S) MOSFET
FEATURES
TrenchFET® Power MOSFET: 1.5 V Rated
Ultra -low on-resistance in compact,
thermally enhanced ChipFET® package
APPLICATIONS
Load switch for portable applications
- Guaranteed operation at VGS = 1.5 V critical for opti
mized design and space savings
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
Qg (Typ)
8
0.032 at VGS = 4.5 V
4a
7.3 nC
0.036 at VGS = 2.5 V
4a
0.045 at VGS = 1.8 V
4a
0.054 at VGS = 1.5 V
4a
Ordering Information: Si5920DC-T1-E3 (Lead (Pb)-free)
Marking Code
XXX
Lot Traceability
and Date Code
Part #
Code
CD
1206-8 ChipFET
®
(Dual)
Bottom View
S1
G1
S2
G2
D1
D1
D2
D2
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 Board.
c. t = 5 sec.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The 1206-8 ChipFET is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 90 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4a
A
TC = 70 °C
4a
TA = 25 °C
4a
TA = 70 °C
4a
Pulsed Drain Current
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.6
TA = 25 °C
1.7c
Maximum Power Dissipation
TC = 25 °C
PD
3.12
W
TC = 70 °C
2.0
TA = 25 °C
2.04b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 sec
RthJA
50
60
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
RoHS
COMPLIANT


Similar Part No. - SI5920DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI5920DC-T1-GE3 VBSEMI-SI5920DC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - SI5920DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com