Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300145ZTR1TCR0.2TTB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 300145ZTR1TCR0.2TTB
Description  Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300145ZTR1TCR0.2TTB Datasheet(HTML) 1 Page - Vishay Siliconix

  300145ZTR1TCR0.2TTB Datasheet HTML 1Page - Vishay Siliconix 300145ZTR1TCR0.2TTB Datasheet HTML 2Page - Vishay Siliconix 300145ZTR1TCR0.2TTB Datasheet HTML 3Page - Vishay Siliconix 300145ZTR1TCR0.2TTB Datasheet HTML 4Page - Vishay Siliconix 300145ZTR1TCR0.2TTB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63115
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 21-Nov-07
1
300144Z, 300145Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Tracking to 0.1 ppm/°C, Power Coefficient Tracking of 5 ppm
at Rated Power, and Tolerance Match to 0.005 % (50 ppm)
Any value at any tolerance available within resistance range
INTRODUCTION
The 300144Z, 300145Z voltage dividers are the first choice
for ultra high precision, stability and reliable voltage division.
The Z-foil technology provides a significant reduction of the
resistive component’s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR).
0.05 ppm/°C absolute TCR removes errors due to
temperature gradients.
Models 300144Z and 300145Z offer low TCR (both absolute
and tracking), low power coefficient, excellent load life
stability, tight tolerance, excellent ratio stability, low thermal
EMF, low current noise and non sensitivity to ESD - all in one
package.
Model 300145Z is a pair-of 300144Z elements back to back
in a single molded package.
By taking advantage of the overall stability and reliability of
Vishay Bulk Metal® foil resistors, designers can significantly
reduce circuit errors and greatly improve overall circuit
performances.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications. Please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
absolute:
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.)
tracking: 0.1 ppm/°C typical
• Tolerance: absolute and matching to 0.005 %
• Power coefficient tracking “ΔR due to self heating”: 5 ppm
at rated power
• Power rating: 0.2 W at 70 °C, for the entire resistive
element R1 and R2, divided proportionally between the
two elements
• Ratio stability: < 0.001 % (10 ppm) 0.2 W at 70 °C for
2000 h
• Maximum working voltage: 200 V
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
For better performances please contact us
APPLICATIONS
Instrumentation amplifiers
• Bridge networks
• Differential amplifiers
• Military
• Space
• Medical
• Automatic test equipment
Down-hole (high temperature)
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
R1
R2
-
+
V1
V2
R1
R2
300144Z
Vout
300145Z
TABLE 1 - MODELS 300144Z AND 300145Z SPECIFICATIONS
MODEL
RESISTANCE
RATIO
ABSOLUTE TCR
(- 55 °C to + 125 °C, + 25 °C Ref.)
TCR TRACKING
TOLERANCE
TYPICAL AND MAX. SPREAD
TYPICAL
MAX.
ABSOLUTE
MATCH
300144Z
300145Z
1.1
4:1
10:1
> 10:1
± 0.2 ppm/°C ± 1.8 ppm/°C
0.1 ppm/°C
0.5 ppm/°C
0.5 ppm/°C
0.5 ppm/°C
0.5 ppm/°C
0.8 ppm/°C
1.0 ppm/°C
1.5 ppm/°C
± 0.005%
± 0.005%
± 0.01%
± 0.01%
0.005%
0.005%
0.01%
0.01%


Similar Part No. - 300145ZTR1TCR0.2TTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300145 VISHAY-300145 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300145 VISHAY-300145 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300145TR1TCR2AAB VISHAY-300145TR1TCR2AAB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300145TR1TCR2ABB VISHAY-300145TR1TCR2ABB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300145TR1TCR2ADB VISHAY-300145TR1TCR2ADB Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
More results

Similar Description - 300145ZTR1TCR0.2TTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
   RE High Precision Low TCR Resistors
logo
Vishay Siliconix
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com